Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1051CX6RF Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS1051CX6RF
Descripción Electrónicos  Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1051CX6RF Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1051CX6RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1051CX6RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1051CX6RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1051CX6RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1051CX6RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1051CX6RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1051CX6RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1051CX6RF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS1051
Constant Voltage and Constant Current Controller
For Battery Chargers and Adaptors
5/8
Version: C07
Principle of Operation and Application Hints (continues)
Compensation
The voltage control trans-conductance operational amplifier can be fully compensated. Both of its output and negative
input are directly accessible for external compensation components.
And example of a suitable compensation network is shown in typical application circuit. It consists of a capacitor
Cvc1=2.2nF and a resistor Rcv1=470KΩ in series, connected in parallel with another capacitor Cvc2=22pF.
The current control trans-conductance operational amplifier can be fully compensated. Both of its output and negative
input are directly accessible for external compensation components. An example of suitable compensation network is
shown in typical application circuit. It consists of a capacitor Cic1=2.2nF and resistor Ric1=22KΩ in series. When the
Vcc voltage reaches 12V it could be interesting to limit the current coming through the output in the aim to reduce the
dissipation of the device and increase the stability performances of the whole application. An example of suitable Rout
value could be 330Ω in series with the optocoupler in case Vcc=12V.
Start Up and Short Circuit Conditions
The TS1051 is not provided with a high enough supply voltage in under start-up or short-circuit conditions. This is due
to the fact that the chip has its power supply line in common with the power supply line of the system. Therefore, the
current limitation can only be ensured by the primary PWM module, which should be chosen accordingly. If the Primary
current limitation is considered not to be precise enough for the application, then a sufficient supply for the TS1051 has
to be ensured under any condition. It would then be necessary to add some circuitry to supply the chip with separate
power line. This can be achieved in numerous ways, including an additional winding on the transformer. The following
schematic shows how to realize a low-cost power supply for the TS1051 (with no additional windings). Please pay
attention to the fact that in the particular case presented here, this low-cost power supply can reach voltages as high
as twice the voltage of the regulated line. Since the absolute maximum rating of the TS1051 supply voltage is 14V, this
low-cost auxiliary power supply can only be used in applications where the regulated line voltage does not exceed 7V.


Número de pieza similar - TS1051CX6RF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS1051CX6RF TSC-TS1051CX6RF Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results

Descripción similar - TS1051CX6RF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3052 IKSEMICON-IK3052 Datasheet
147Kb / 4P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1013 STMICROELECTRONICS-TSM1013 Datasheet
113Kb / 8P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051_08 Datasheet
315Kb / 15P
   Constant voltage and constant current controller for battery chargers and adaptors
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com