Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS4148RYG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS4148RYG
Descripción Electrónicos  400mW High Speed SMD Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4148RYG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4148RYG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4148RYG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TS4148 RYG
400mW High Speed SMD Switching Diode
Small Signal Diode
Rating and Sharacteristic Curves
FIG 3 Admissible Power Dissipation Curve
0
100
200
300
400
500
0
25
50
75
100
125
150
175
200
FIG 4 Typical Junction Capacitance
0.6
0.7
0.8
0.9
1
1.1
1.2
024
68
10
Ambient Temperature (°C)
Reverse Voltage (V)
FIG 1 Typical Forward Characteristics
0.01
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FIG 5 Forward Resistance vs. Forward Current
1
10
100
1000
10000
0
0
1
10
100
Forward Current (mA)
Ta=25°C
Ta=100°
Instantaneous Forward Voltage (V)
FIG 2 Reverse Current vs Reverse Voltage
0.01
0.1
1
10
100
0
20
40
60
80
100
120
Reverse Voltage (V)
Ta=25°C
Version :
G11


Número de pieza similar - TS4148RYG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS4148RYG TSC-TS4148RYG Datasheet
189Kb / 4P
   500mW High Speed SMD Switching Diode
TS4148RYG TSC-TS4148RYG_14 Datasheet
189Kb / 4P
   500mW High Speed SMD Switching Diode
More results

Descripción similar - TS4148RYG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RY TSC-TS4148RY Datasheet
115Kb / 2P
   400mW High Speed SMD Switching Diode
1N4148W TSC-1N4148W_10 Datasheet
193Kb / 3P
   400mW High Speed SMD Switching Diode
1N914BW TSC-1N914BW Datasheet
101Kb / 2P
   400mW High Speed SMD Switching Diode
logo
DIYI Electronic Technol...
1N4148W DYELEC-1N4148W Datasheet
637Kb / 2P
   400mW High Speed SMD Switching Diode
logo
Taiwan Semiconductor Co...
TS4148RXG TSC-TS4148RXG Datasheet
118Kb / 2P
   400mW High Speed SMD Switching Diode
1N4148W TSC-1N4148W_14 Datasheet
193Kb / 4P
   400mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
   High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
   High Speed Switching Diode 400mW
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com