Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS19371 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS19371
Descripción Electrónicos  Boost (Step-up) WLED Driver with OVP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19371 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19371_10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19371_10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19371_10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19371_10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19371_10 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19371_10 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19371_10 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19371_10 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19371_10 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS19371
Boost (Step-up) WLED Driver with OVP
1/10
Version: G08
SOT-26
SOP-8
General Description
The TS19371 is a step-up DC/DC converter specifically designed to drive white LEDs with a constant current. The
device can drive up to 126 LEDs (9S14P) from a 12V supply. The output capacitor can be as small as 4.7µF,
saving space versus alternative solutions. A low 95mV feedback voltage minimizes power loss for better
efficiency. Additional feature include over output voltage limiting (SOT-26 package) when LEDs are disconnected.
The TS19371 switches at a fixed frequency of 1.2MHz, allowing the use of tiny, low profile inductors and
capacitors to minimize footprint and cost in space consideration applications for cellular phone backlighting or
other hand held equipment.
Features
Inherently Matched LED Current
High Efficiency: 89% Typical
Drives Up to 9 LEDs Series @ Vin 9~15V
Drives Up to 126 LEDs (9S14P) @ Vin 12~15V
Drives Up to 6 (1W) LEDs Series @ Vin 12V
Over Output Voltage Protection 30V (SOT-26)
Fast 1.2MHz Switching Frequency
Requires Only 4.7µF Output Capacitor
PWM dimming control 1KHz to 10KHz
Analog dimming control
Ordering Information
Part No.
Package
Packing
TS19371CX6 RF
SOT-26
3Kpcs / 7” Reel
TS19371CS RL
SOP-8
2.5Kpcs / 13” Reel
Input Voltage vs. Efficiency
Application
Cellular Phones
Portable Electronics Devices PDA, GPS
LCD Display Module
White LED Backlighting
MR-16 lighting
Typical Application Circuit
Pin Definition:
1. SW
6. VIN
2. GND
5. OVP
3. FB
4. CTRL
Pin Definition:
1. VIN
8. SW
2. GND
7. GND
3. GND
6. GND
4. CTRL
5. FB


Número de pieza similar - TS19371_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Descripción similar - TS19371_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com