Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML1310IGF Datasheet(PDF) 2 Page - Seme LAB

No. de pieza SML1310IGF
Descripción Electrónicos  N?밅HANNEL POWER MOSFET FOR HI?밨EL APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML1310IGF Datasheet(HTML) 2 Page - Seme LAB

  SML1310IGF Datasheet HTML 1Page - Seme LAB SML1310IGF Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SOURCE – DRAIN DIODE CHARACTERISTICS
SML1310IGF
VGS = 0
ID = 250µA
VDS = VGS
ID = 250µA
VGS ≤ 20V
VGS = -20V
VDS = 100V,VGS =0V
VDS = 80V, VGS =0V
TC = 125°C
VGS = 10V
ID = 18A
VDS = 25V
ID = 18A
VGS = 0V
VDS = 25V
F = 1MHz
VDD = 50V
ID = 18A
RG = 3.6
VGS =10V
Modified MOSPOWER
smbol showing
the integral P-N
Junction rectifier
IS = 18A ,VGS = 0V, TC = 25°C
TJ = 25°CIF =18A
di / dt
= 100A/µs
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise stated)
V
nA
µA
S
pF
ns
A
V
ns
µc
Drain – Source Breakdown Voltage
Gate Threshold Voltage
Gate-Body Leakage Forward
Gate-Body Leakage Reverse
Zero Gate Voltage Drain Current
Static Drain – Source On–State
Resistance1
Forward Transductance 1
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current
(Body Diode)
Source Current1 (Body Diode)
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
100
2.0
4.0
100
-100
25
250
0.44
14
1872
463
234
19
85
65
54
18
72
1.3
270
1.8
BVDSS
VGS(th)
IGSS
IGSS
IDSS
RDS(on)
Gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
STATIC ELECTRICAL RATINGS
Notes
1) Pulse Test: Pulse Width
≤ 300ms, δ≤ 2%
DYNAMIC CHARACTERISTICS
,
5
/
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 6027
Issue 1


Número de pieza similar - SML1310IGF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
SML1 MACOM-SML1 Datasheet
455Kb / 3P
   Thin Film Limiter Module 5 to 3000 MHz
logo
M/A-COM Technology Solu...
SML1 MA-COM-SML1 Datasheet
1Mb / 3P
   Thin Film Limiter Module 5 to 3000 MHz
logo
Seme LAB
SML10-12A-258R SEME-LAB-SML10-12A-258R Datasheet
11Kb / 1P
   FAST RECOVERY EPITAXIAL DIODE IN A HERMETIC TO-258 METAL PACKAGE
logo
Sanken electric
SML10016 SANKEN-SML10016 Datasheet
34Kb / 1P
   5phi Round Standard Bicolor LED
SML10016 SANKEN-SML10016 Datasheet
444Kb / 2P
   5phi Round Standard Bicolor LEDs
More results

Descripción similar - SML1310IGF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
IRF130SMD05N SEME-LAB-IRF130SMD05N Datasheet
29Kb / 2P
   N?밅HANNEL POWER MOSFET FOR HI?밨EL APPLICATIONS
IRFJ240 SEME-LAB-IRFJ240_07 Datasheet
28Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI?밨EL APPLICATIONS
IRFY340 SEME-LAB-IRFY340_08 Datasheet
97Kb / 2P
   N?밅HANNEL POWER MOSFET FOR HI-REL APPLICATIONS
2N6790 SEME-LAB-2N6790 Datasheet
45Kb / 2P
   N?밅HANNEL POWER MOSFET
2N7225U1 SEME-LAB-2N7225U1 Datasheet
25Kb / 2P
   N?밅HANNEL POWER MOSFET
IRFM250 SEME-LAB-IRFM250_06 Datasheet
54Kb / 3P
   N?밅HANNEL POWER MOSFET
2N7228 SEME-LAB-2N7228 Datasheet
21Kb / 2P
   N?밅HANNEL POWER MOSFET
2N6782LCC4 SEME-LAB-2N6782LCC4_07 Datasheet
30Kb / 2P
   N?밅HANNEL POWER MOSFET
IRFM3205 SEME-LAB-IRFM3205 Datasheet
22Kb / 2P
   N?밅HANNEL POWER MOSFET
IRFN3710 SEME-LAB-IRFN3710 Datasheet
46Kb / 2P
   N?밅HANNEL POWER MOSFET
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com