Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62730_1107 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS62730_1107
Descripción Electrónicos  Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62730_1107 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62730_1107 Datasheet HTML 1Page - Texas Instruments TPS62730_1107 Datasheet HTML 2Page - Texas Instruments TPS62730_1107 Datasheet HTML 3Page - Texas Instruments TPS62730_1107 Datasheet HTML 4Page - Texas Instruments TPS62730_1107 Datasheet HTML 5Page - Texas Instruments TPS62730_1107 Datasheet HTML 6Page - Texas Instruments TPS62730_1107 Datasheet HTML 7Page - Texas Instruments TPS62730_1107 Datasheet HTML 8Page - Texas Instruments TPS62730_1107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ON/BYP
STAT
VOUT
TPS62730
SLVSAC3
– MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.0V, VOUT = 2.1V, ON/BYP = VIN, TA = –40°C to 85°C typical values are at TA = 25°C (unless otherwise noted), CIN =
2.2
μF, L = 2.2μH, COUT = 2.2μF, see parameter measurement information
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
OUTPUT
VREF
Internal Reference Voltage
0.70
V
VIN = 3.0V
TA = 25°C
–1.5
0
1.5
%
VOUT Feedback Voltage Comparator Threshold
Accuracy
TA = –40°C to 85°C
–2.5
0
2.5
VVOUT
DC output voltage load regulation
IOUT = 1mA to 50mA VIN = 3.0V, VOUT = 2.1
-0.01
%/mA
V
DC output voltage line regulation
IOUT = 20 mA, 2.4V ≤ VIN ≤ 3.9V
0.01
%/V
ILK_SW
Leakage current into SW pin
VIN = VOUT = VSW = 3.0 V, ON/Byp= GND
0.0
100
nA
(2)
(2)
The internal resistor divider network is disconnected from VOUT pin.
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO
VIN
3
PWR
VIN power supply pin. Connect this pin close to the VIN terminal of the input capacitor. A ceramic capacitor
of 2.2
µF is required.
GND
4
PWR
GND supply pin. Connect this pin close to the GND terminal of the input and output capacitor.
ON/BYP
5
IN
This is the mode selection pin of the device. Pulling this pin to low forces the device into ultra low power
bypass mode. The output of the DC/DC converter is connected to VIN via an internal bypass switch.
Pulling this pin to high enables the DC/DC converter operation. This pin must be terminated and is
controlled by the system. In case of CC2540, connect this to the power down signal which is output on one
of the P1.x ports (see CC2540 user guide).
SW
2
OUT
This is the switch pin and is connected to the internal MOSFET switches. Connect the inductor to this
terminal.
VOUT
6
IN
Feedback Pin for the internal feedback divider network and regulation loop. The internal bypass switch is
connected between this pin and VIN. Connect this pin directly to the output capacitor with short trace.
STAT
1
OUT
This is the open drain status output with active low level. An internal comparator drives this output. The pin
is high impedance with ON/BYP = low. With ON/BYP set to high the device and the internal VOUT
comparator becomes active. The STAT pin is set to low once the output voltage is higher than 93% of
nominal VOUT and high impedance once it is below this threshold. If not used, this pin can be left open.
4
Copyright
© 2011, Texas Instruments Incorporated


Número de pieza similar - TPS62730_1107

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62730 TI-TPS62730_12 Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
More results

Descripción similar - TPS62730_1107

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62730 TI-TPS62730_12 Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
TPS62730 TI1-TPS62730 Datasheet
4Mb / 25P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless
MAY2011
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
logo
Maxim Integrated Produc...
MAX77271 MAXIM-MAX77271 Datasheet
3Mb / 20P
   Multimode PA Step-Down Converter with Linear Bypass Mode
19-6508; Rev 0; 12/12
logo
Texas Instruments
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com