Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP34NM60N Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STP34NM60N
Descripción Electrónicos  N-channel 600 V, 0.092 廓, 29 A MDmesh??II Power MOSFET TO-220, TO-247, TO-220FP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP34NM60N Datasheet(HTML) 5 Page - STMicroelectronics

  STP34NM60N Datasheet HTML 1Page - STMicroelectronics STP34NM60N Datasheet HTML 2Page - STMicroelectronics STP34NM60N Datasheet HTML 3Page - STMicroelectronics STP34NM60N Datasheet HTML 4Page - STMicroelectronics STP34NM60N Datasheet HTML 5Page - STMicroelectronics STP34NM60N Datasheet HTML 6Page - STMicroelectronics STP34NM60N Datasheet HTML 7Page - STMicroelectronics STP34NM60N Datasheet HTML 8Page - STMicroelectronics STP34NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STF34NM60N, STP34NM60N, STW34NM60N
Electrical characteristics
Doc ID 17740 Rev 3
5/17
Table 6.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
29
116
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%.
Forward on voltage
ISD = 29 A, VGS = 0
-
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 29 A, VDD = 60 V
di/dt=100 A/µs
(see Figure 20)
-
408
8
39
ns
nC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 29 A,VDD = 60 V
di/dt=100 A/µs,
TJ = 150 °C
(see Figure 20)
-
480
10
42
ns
nC
A


Número de pieza similar - STP34NM60N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP34NM60N STMICROELECTRONICS-STP34NM60N Datasheet
1Mb / 17P
   Low gate input resistance
March 2015 Rev 9
logo
Inchange Semiconductor ...
STP34NM60N ISC-STP34NM60N Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP34NM60ND STMICROELECTRONICS-STP34NM60ND Datasheet
1Mb / 22P
   N-channel 600 V, 0.097 Ohm typ., 29 A FDmesh II Power MOSFET (with fast diode) in D2PAK, TO-220FP, TO-220 and TO-247
logo
Inchange Semiconductor ...
STP34NM60ND ISC-STP34NM60ND Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - STP34NM60N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STW36NM60N STMICROELECTRONICS-STW36NM60N Datasheet
869Kb / 13P
   N-channel 600 V, 0.092 Ω, 29 A, MDmesh™ II Power MOSFET in TO-247
June 2011
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STB23NM50N STMICROELECTRONICS-STB23NM50N Datasheet
867Kb / 21P
   N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
STP18NM60N STMICROELECTRONICS-STP18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
October 2012 Rev 4
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
   N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com