Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NBXSBA008_0910 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza NBXSBA008_0910
Descripción Electrónicos  3.3 V, 161.1328 MHz LVPECL Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSBA008_0910 Datasheet(HTML) 2 Page - ON Semiconductor

  NBXSBA008_0910 Datasheet HTML 1Page - ON Semiconductor NBXSBA008_0910 Datasheet HTML 2Page - ON Semiconductor NBXSBA008_0910 Datasheet HTML 3Page - ON Semiconductor NBXSBA008_0910 Datasheet HTML 4Page - ON Semiconductor NBXSBA008_0910 Datasheet HTML 5Page - ON Semiconductor NBXSBA008_0910 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NBXSBA008
http://onsemi.com
2
NC
OE
GND
CLK
VDD
CLK
1
2
3
6
5
4
Figure 2. Pin Connections (Top View)
Table 1. PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
1
OE
LVTTL/LVCMOS
Control Input
Output Enable Pin. When left floating pin defaults to logic HIGH and output is active.
See OE pin description Table 2.
2
NC
N/A
No Connect.
3
GND
Power Supply
Ground 0 V
4
CLK
LVPECL Output
Non−Inverted Clock Output. Typically loaded with 50 W receiver termination resistor to
VTT = VDD − 2 V.
5
CLK
LVPECL Output
Inverted Clock Output. Typically loaded with 50 W receiver termination resistor to
VTT = VDD − 2 V.
6
VDD
Power Supply
Positive power supply voltage. Voltage should not exceed 3.3 V ±10%.
Table 2. OUTPUT ENABLE TRI−STATE FUNCTION
OE Pin
Output Pins
Open
Active
HIGH Level
Active
LOW Level
High Z
Table 3. ATTRIBUTES
Characteristic
Value
Internal Default State Resistor
170 kW
ESD Protection
Human Body Model
Machine Model
2 kV
200 V
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
1. For additional Moisture Sensitivity information, refer to Application Note AND8003/D.
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VDD
Positive Power Supply
GND = 0 V
4.6
V
Iout
LVPECL Output Current
Continuous
Surge
25
50
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−55 to +120
°C
Tsol
Wave Solder
See Figure 5
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Número de pieza similar - NBXSBA008_0910

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBXSBA008LN1TAG ONSEMI-NBXSBA008LN1TAG Datasheet
153Kb / 6P
   Clock Oscillator
March, 2009 ??Rev. 1
NBXSBA008LNHTAG ONSEMI-NBXSBA008LNHTAG Datasheet
153Kb / 6P
   Clock Oscillator
March, 2009 ??Rev. 1
More results

Descripción similar - NBXSBA008_0910

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXSGA008 ONSEMI-NBXSGA008 Datasheet
117Kb / 6P
   2.5/3.3 V, 161.1328 MHz LVPECL Clock Oscillator This is a Pb?묯ree Device
April, 2011 ??Rev. 0
NBXSBB023 ONSEMI-NBXSBB023 Datasheet
160Kb / 6P
   3.3 V, 400 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBA021 ONSEMI-NBXSBA021_09 Datasheet
131Kb / 6P
   3.3 V, 266.667 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBB020 ONSEMI-NBXSBB020 Datasheet
129Kb / 7P
   3.3 V, 280 MHz LVPECL Clock Oscillator
February, 2010 ??Rev. 5
NBXSBB022 ONSEMI-NBXSBB022 Datasheet
160Kb / 6P
   3.3 V, 187.5 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA045 ONSEMI-NBXSBA045 Datasheet
125Kb / 6P
   2.5/3.3 V, 345.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXDBA019 ONSEMI-NBXDBA019_10 Datasheet
136Kb / 6P
   3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com