Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD103A Datasheet(PDF) 2 Page - Micro Commercial Components

No. de Pieza. SD103A
Descripción  Small Signal Schottky Diodes
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD103A Datasheet(HTML) 2 Page - Micro Commercial Components

  SD103A_08 Hoja de datos HTML 1Page - Micro Commercial Components SD103A_08 Hoja de datos HTML 2Page - Micro Commercial Components SD103A_08 Hoja de datos HTML 3Page - Micro Commercial Components SD103A_08 Hoja de datos HTML 4Page - Micro Commercial Components SD103A_08 Hoja de datos HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
l Low Reverse Recovery Time
l Low Reverse Capacitance
l Low Forward Voltage Drop
l Guard Ring Construction for Transient Protection
Mechanical Data
l Case: DO-35, Glass
l Terminals: Solderable per MIL-STD-202, Method 208
l Polarity: Indicated by Cathode Band
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol
SD103A
SD103B
SD103C
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
40V
30V
20V
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
28V
21V
14V
Maximum sigle cycle surge 60Hz
sine wave
IFSM
Power Dissipation(Note 2)
Pd
Thermal Resistance, Junction to
Ambient
R
Junction Tmperature
Tj
Operation/Storage Temp. Range
TSTG
-55 to +150
o
C
300K/W
400mW
15A
125
o
C
Electrical Characteristics @ 25oC Unless Otherwise Specified
Parameter
Symbol Type
Max
Test Condition
SD103A
5.0uA
VR=30V
Leakage
SD103B
IR
-----
5.0uA
VR=20V
Current
SD103C
5.0uA
VR=10V
Maximum Forward
VFM
-----
0.37V
IF=20mA
Voltage Drop
0.60V
IF=200mA
Junction Capacitance
Cj
50pF
-----
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
10ns
-----
IF=IR=50mA, recover to
200mA/0.1IR
SD103A
THRU
SD103C
Small Signal
Schottky Diodes
DO-35
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.166
---
4.2
B
---
.079
---
2.00
C
---
.020
---
.52
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 5
2008/02/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Features
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Moisture Sensitivity: Level 1 per J-STD-020C
2. Valid provided that electrodes are kept at ambient temperature
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page