Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD103A Datasheet(PDF) 3 Page - Micro Commercial Components

No. de Pieza. SD103A
Descripción  Small Signal Schottky Diodes
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo 

SD103A Datasheet(HTML) 3 Page - Micro Commercial Components

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image














































I(mA)
F
T = 25 C
j
A
A
mA
ms
Figure 1. Typical variation of forward current vs. Forward.
Voltage for primary conduction through the
schottky barrier
Figure 2. Typical high current forward
conduction curve t =300ms,duty cycle=2%
p
VF
VF
VR
IF
IF
IF







Figure 3. Typical non repetitive forward surge
current versus pulse width
tp
IF





SD103A thru SD103C
MCC
Revision: 5
2008/02/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn