Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS013B7DH01 Datasheet(PDF) 6 Page - Sharp Corporation

No. de pieza LS013B7DH01
Descripción Electrónicos  Technical Literature For TFT-LCD Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHARP [Sharp Corporation]
Página de inicio  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B7DH01 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LS013B7DH01 Datasheet HTML 2Page - Sharp Corporation LS013B7DH01 Datasheet HTML 3Page - Sharp Corporation LS013B7DH01 Datasheet HTML 4Page - Sharp Corporation LS013B7DH01 Datasheet HTML 5Page - Sharp Corporation LS013B7DH01 Datasheet HTML 6Page - Sharp Corporation LS013B7DH01 Datasheet HTML 7Page - Sharp Corporation LS013B7DH01 Datasheet HTML 8Page - Sharp Corporation LS013B7DH01 Datasheet HTML 9Page - Sharp Corporation LS013B7DH01 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
SPEC No.
LCP-2110019B
MODEL No.
LS013B7DH01
PAGE
4
[For operating LCD module]
(1) Do not operate the LCD panel under outside of electrical specification. Otherwise LCD panel may be damaged.
(2) Do not use the LCD panel under outside of specified driving timing chart. Otherwise LCD panel may not have
proper picture quality.
(3) A still image should be displayed less than two hours, if it is necessary to display still image longer than two hour,
display image data must be refreshed in order to avoid sticking image on LCD panel.
(4) If LCD module takes a static electricity, as the display image which is written into pixel memory might not be
displayed, Data update should be executed frequently.
(5) It is neither a breakdown nor a defective indication though very slight change in black level might be periodically
seen in a black part on the black display image according to the source of light (angle of the luminance and the
source of light).
[Precautions for Storage]
(1) After opening the package, do not leave the LCD panel in direct sun or under strong ultraviolet ray. Store in dark
place.
(2) In temperature lower than specified rating, liquid crystal material will coagulate. In temperature higher than
specified rating, it isotropically liquifies. In either condition, the liquid crystal may not recover its original condition.
Store the LCD panel in at or around room temperature as much as possible.
Also, storing the LCD panel in high humidity will damage the polarizer. Store in normal room temperature as much
as possible.
(3) Keeping Method
a. Don't keeping under the direct sunlight.
b. Keeping in the tray under the dark place.


Número de pieza similar - LS013B7DH01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharp Corporation
LS013B7DH03 SHARP-LS013B7DH03 Datasheet
441Kb / 8P
   The Sharp Memory LCD Suite
logo
Azumo, Inc.
LS013B7DH03 AZUMO-LS013B7DH03 Datasheet
204Kb / 1P
   1.28” Reflective B&W LCD 2.0TM
05/26/2023
logo
Sharp Corporation
LS013B7DH05 SHARP-LS013B7DH05 Datasheet
580Kb / 29P
   LCD module
LS013B7DH05 SHARP-LS013B7DH05 Datasheet
441Kb / 8P
   The Sharp Memory LCD Suite
logo
Azumo, Inc.
LS013B7DH05 AZUMO-LS013B7DH05 Datasheet
202Kb / 1P
   1.26” Reflective B&W LCD 2.0TM
05/24/2023
More results

Descripción similar - LS013B7DH01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharp Corporation
LS027B4DH01 SHARP-LS027B4DH01 Datasheet
1Mb / 29P
   Technical Literature For TFT-LCD Module
LS013B4DN02 SHARP-LS013B4DN02 Datasheet
666Kb / 29P
   TECHNICAL LITERATURE For TFT-LCD Module
GH04P21A2GE SHARP-GH04P21A2GE Datasheet
41Kb / 4P
   TECHNICAL LITERATURE FOR LASER DIODE
GM5WT95200A SHARP-GM5WT95200A Datasheet
688Kb / 14P
   TECHNICAL LITERATURE FOR Light Emitting Diode
GP2W0110YP SHARP-GP2W0110YP Datasheet
700Kb / 24P
   TECHNICAL LITERATURE FOR Optical Data communication transceiver
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
   TFT-LCD Module
LQ150X1LGN2A SHARP-LQ150X1LGN2A Datasheet
901Kb / 24P
   TFT-LCD MODULE
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
   TFT-LCD Module
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
   TFT-LCD Module
LQ10D131 SHARP-LQ10D131 Datasheet
1Mb / 19P
   TFT - LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com