Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM1LH-0503S-FZ Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AM1LH-0503S-FZ
Descripción Electrónicos  1 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LH-0503S-FZ Datasheet(HTML) 2 Page - AIMTEC

  AM1LH-0503S-FZ Datasheet HTML 1Page - AIMTEC AM1LH-0503S-FZ Datasheet HTML 2Page - AIMTEC AM1LH-0503S-FZ Datasheet HTML 3Page - AIMTEC AM1LH-0503S-FZ Datasheet HTML 4Page - AIMTEC AM1LH-0503S-FZ Datasheet HTML 5Page - AIMTEC AM1LH-0503S-FZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series AM1LH-FZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
2 of 6
North America only
AM1LH-2415D-FZ
21.6-26.4
±15
±34
1000
85
Models
Dual output (continued)
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM1LH-0505DH30-FZ
4.5-5.5
±5
±100
3000
71
AM1LH-0509DH30-FZ
4.5-5.5
±9
±56
3000
78
AM1LH-0512DH30-FZ
4.5-5.5
±12
±42
3000
78
AM1LH-0515DH30-FZ
4.5-5.5
±15
±34
3000
81
AM1LH-1205DH30-FZ
10.8-13.2
±5
±100
3000
73
AM1LH-1209DH30-FZ
10.8-13.2
±9
±56
3000
79
AM1LH-1212DH30-FZ
10.8-13.2
±12
±42
3000
81
AM1LH-1215DH30-FZ
10.8-13.2
±15
±34
3000
83
AM1LH-2403DH30-FZ
21.6-26.4
±3.3
±100
3000
66
AM1LH-2405DH30-FZ
21.6-26.4
±5
±100
3000
76
AM1LH-2409DH30-FZ
21.6-26.4
±9
±56
3000
78
AM1LH-2412DH30-FZ
21.6-26.4
±12
±42
3000
80
AM1LH-2415DH30-FZ
21.6-26.4
±15
±34
3000
85
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage Range
5
4.5-5.5
VDC
12
10.8-13.2
24
22.4-26.4
Filter
Capacitor
Absolute Maximum Rating
5V input models
-0.7 to 7.5
VDC
12V input models
-0.7 to 15
24V input models
-0.7 to 30
No Load Input Current
15
28
mA
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60sec
1000,3000
VDC
Resistance
500VDC
1000
MOhm
Capacitance
5V input model
30(minimum 18)
pF
12V input model
33(minimum 16)
24V input model
35(minimum 18)
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Nominal input
1
3
%
Voltage balance (Dual Output Models)
Balanced Load
±1
%
Cross Regulation (Dual Output Models)
25% load on one output - 100% load
on second load
5
%
Short Circuit protection
Max 1 second
Line voltage regulation
Per 1% of Vin Change
1.2
%
Load voltage regulation (Single)
Output current change from 20% to
100% max load
8
12
%
Load voltage regulation (Dual)
Output current change from 20% to
100% max load
6
12
%
Temperature coefficient
Nominal Input
±0.01
±0.02
%/oC
Ripple & Noise
20MHz Bandwidth
100
mV p-p


Número de pieza similar - AM1LH-0503S-FZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AM1L-0303D-N ETC-AM1L-0303D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
List of Unclassifed Man...
AM1L-0303DH30-N ETC-AM1L-0303DH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results

Descripción similar - AM1LH-0503S-FZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com