Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMEL10-3.3N5DMAZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AMEL10-3.3N5DMAZ
Descripción Electrónicos  10 Watt | AC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL10-3.3N5DMAZ Datasheet(HTML) 1 Page - AIMTEC

  AMEL10-3.3N5DMAZ Datasheet HTML 1Page - AIMTEC AMEL10-3.3N5DMAZ Datasheet HTML 2Page - AIMTEC AMEL10-3.3N5DMAZ Datasheet HTML 3Page - AIMTEC AMEL10-3.3N5DMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AMEL10-MAZ
10 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.H
1 of 4
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Max Output
wattage
(W)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
load
(µF)
Efficiency
(%)
AMEL10-3.3SMAZ
90-264/47-440
120-370
9.9
3.3
3.00
2200
75
AMEL10-5SMAZ
90-264/47-440
120-370
10
5
2.00
1000
77
AMEL10-12SMAZ
90-264/47-440
120-370
10
12
0.84
680
79
AMEL10-15SMAZ
90-264/47-440
120-370
10
15
0.67
470
80
AMEL10-24SMAZ
90-264/47-440
120-370
10
24
0.42
470
80
Models
Asymmetric Dual output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Max Output
wattage
(W)
Output
Voltage
(V)
Rated
Output
Current (A)
Maximum
capacitive
load
(µF)
Efficiency
(%)
AMEL10-3.35DMAZ
90-264/47-440
120-370
7.9
3.3/5
0.9/1.0
680
74
AMEL10-3.312DMAZ
90-264/47-440
120-370
8
3.3/12
0.9/0.41
680
77
AMEL10-3.315DMAZ
90-264/47-440
120-370
8
3.3/15
0.9/0.33
680
76
AMEL10-3.324DMAZ
90-264/47-440
120-370
8
3.3/24
0.9/0.2
680
75
AMEL10-512DMAZ
90-264/47-440
120-370
8
5/12
0.6/0.41
470
75
AMEL10-515DMAZ
90-264/47-440
120-370
8
5/15
0.6/0.33
470
77
AMEL10-524DMAZ
90-264/47-440
120-370
8
5/24
0.6/0.2
470
75
AMEL10-1215DMAZ
90-264/47-440
120-370
8
12/15
0.25/0.33
330
76
AMEL10-1224DMAZ
90-264/47-440
120-370
9
12/24
0.25/0.25
330
78
AMEL10-1524DMAZ
90-264/47-440
120-370
9
15/24
0.2/0.25
330
79
AMEL10-3.3N5DMAZ
90-264/47-440
120-370
7.3
-3.3/5
-0.7/1.0
680
74
AMEL10-3.3N12DMAZ
90-264/47-440
120-370
8
-3.3/12
-0.9/0.41
680
75
AMEL10-3.3N15DMAZ
90-264/47-440
120-370
8
-3.3/15
-0.9/0.33
680
75
AMEL10-5N5DMAZ
90-264/47-440
120-370
8
-5/5
-0.6/1
680
74
AMEL10-5N12DMAZ
90-264/47-440
120-370
8
-5/12
-0.6/0.41
470
74
AMEL10-5N15DMAZ
90-264/47-440
120-370
8
-5/15
-0.6/0.33
470
74
AMEL10-12N12DMAZ
90-264/47-440
120-370
8
-12/12
-0.25/0.41
470
76
AMEL10-12N15DMAZ
90-264/47-440
120-370
8
-12/15
-0.25/0.33
330
75
*Output power must not exceed the listed values.
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current
115VAC
0.23
A
230VAC
0.15
A
Inrush current <2ms (cold start)
115VAC
10
A
230VAC
20
A
Leakage current
0.25
mA
External fuse
slow blow type
1
A
• I/O Isolation 4000VAC
• Energy Star compliant
• Operating Temp: -40
oC to +80oC
• Ultra small package
• Over load, Over Voltage, Short Circuit Protection • Soft start
• Up to 80% efficiency
CB


Número de pieza similar - AMEL10-3.3N5DMAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEL10-3.3N5DMAZ AIMTEC-AMEL10-3.3N5DMAZ Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-3.3N5DMAZ AIMTEC-AMEL10-3.3N5DMAZ Datasheet
554Kb / 6P
   10 Watt | AC-DC / DC-DC Converter
More results

Descripción similar - AMEL10-3.3N5DMAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEL10-AZ AIMTEC-AMEL10-AZ Datasheet
330Kb / 3P
   10 Watt | AC-DC Converter
logo
ETA-USA
SVS05SA ETA-USA-SVS05SA Datasheet
639Kb / 6P
   10 WATT AC-DC CONVERTER
OBS3.3SA-U ETA-USA-OBS3.3SA-U Datasheet
1Mb / 5P
   10 WATT AC-DC CONVERTER
logo
AIMTEC
AMEL10-MAZ AIMTEC-AMEL10-MAZ_13 Datasheet
412Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AME10-CJZ AIMTEC-AME10-CJZ Datasheet
173Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_16 Datasheet
584Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ Datasheet
379Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SBJZ AIMTEC-AME10-3.3SBJZ Datasheet
520Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_13 Datasheet
776Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_12 Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com