Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMEL20-5N12DMAZ Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AMEL20-5N12DMAZ
Descripción Electrónicos  20 Watt | AC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL20-5N12DMAZ Datasheet(HTML) 2 Page - AIMTEC

  AMEL20-5N12DMAZ Datasheet HTML 1Page - AIMTEC AMEL20-5N12DMAZ Datasheet HTML 2Page - AIMTEC AMEL20-5N12DMAZ Datasheet HTML 3Page - AIMTEC AMEL20-5N12DMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AMEL20-MAZ
20 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.H
2 of 4
North America only
Input Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Input dissipation
No Load
<0.5
W
Start up time
Soft start
500
ms
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Line regulation
±1
%
Load regulation (single output)
0-100% load
±2
%
Load regulation (dual output)
Unbalanced (0-100%) load
±3
%
Transient recovery time
500
µs
Transient response deviation
25% load step
±2
% of Vout
Ripple & Noise*
3.3 & 5V models
75
mV p-p
12, 15 & 24V models
100
Hold-up time (min)
110VAC
10
ms
230VAC
25
*Ripple and Noise are measured at 20MHz bandwidth by using a 0.1μF (M/C) parallel capacitor.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec, 1.2mA
4000
VAC
Isolation resistance
>1000
MΩ
Isolation Capacitance
2200
pF
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
65
KHz
Over load protection
Auto recovery, Foldback
150
%
Over voltage protection
Zener Diode Clamp
Short circuit protection
Continuous
Short circuit restart
Auto recovery
Operating temperature
With derating above 50ºC
-40 to 80
oC
Maximum case temperature
100
oC
Storage temperature
-45 to +95
oC
Temperature coefficient
±0.02
% /
oC
Cooling
Free air convection
Humidity
Non condensing
20 ~ 95
% RH
Case material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Weight
70
g
Dimensions (L x W x H)
2.22 x 1.21 x 0.99 inches
56.48 x 30.86 x 25.10mm
MTBF
> 400 000 hrs (MIL-HDBK -217F, t=+25
oC)
Environment Approval
Test
Parameters
Conditions
Shock
Wave form
Half sine wave
Acceleration amplitude
5gn
Bump duration
30 ms
Converter operation
before and after test, body mounted (on chassis)
Number of bumps
18 (3 in each direction for every axis)
Vibration
Test mode
Sweep sine
Displacement
1mm
Acceleration
3g
Converter operation
10-100Hz, speed 0.05Hz/s


Número de pieza similar - AMEL20-5N12DMAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEL20-5N12DMAZ AIMTEC-AMEL20-5N12DMAZ Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-5N12DMAZ AIMTEC-AMEL20-5N12DMAZ Datasheet
650Kb / 6P
   20 Watt | AC-DC / DC-DC Converter
More results

Descripción similar - AMEL20-5N12DMAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
GS20AC-12 STMICROELECTRONICS-GS20AC-12 Datasheet
55Kb / 3P
   20 WATT AC-DC CONVERTER
February 1994
logo
AIMTEC
AMEL20-AZ AIMTEC-AMEL20-AZ Datasheet
337Kb / 3P
   20 Watt | AC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_13 Datasheet
753Kb / 3P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_13 Datasheet
428Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_16 Datasheet
569Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AME20-CJZ AIMTEC-AME20-CJZ Datasheet
217Kb / 7P
   20 Watt | AC-DC / DC-DC Converter
AME20-JZ AIMTEC-AME20-JZ Datasheet
218Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_16 Datasheet
650Kb / 6P
   20 Watt | AC-DC / DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com