Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMLD-3690IZ Datasheet(PDF) 5 Page - AIMTEC

No. de pieza AMLD-3690IZ
Descripción Electrónicos  Up to 2000mA | LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-3690IZ Datasheet(HTML) 5 Page - AIMTEC

  AMLD-3690IZ Datasheet HTML 1Page - AIMTEC AMLD-3690IZ Datasheet HTML 2Page - AIMTEC AMLD-3690IZ Datasheet HTML 3Page - AIMTEC AMLD-3690IZ Datasheet HTML 4Page - AIMTEC AMLD-3690IZ Datasheet HTML 5Page - AIMTEC AMLD-3690IZ Datasheet HTML 6Page - AIMTEC AMLD-3690IZ Datasheet HTML 7Page - AIMTEC AMLD-3690IZ Datasheet HTML 8Page - AIMTEC AMLD-3690IZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Series AMLD-IZ
Up to 2000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.K
5 of 13
North America only
Application Circuit
Note: The relation between input and output voltage for AMLD-IZ LED Driver step-down converter series is:
Vin – 4V ≧ Vout ≧ Total LED voltage
Vout / LED voltage = LED quantity
Output Current versus Dimming Voltage
Output Current vs VADJ
AMLD-3630IZ
301
221
147
76
2
0
0
50
100
150
200
250
300
350
0V
1V
2V
3V
4V
5V
VADJ (V)
ILED (mA)


Número de pieza similar - AMLD-3690IZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMLD-3690IZ AIMTEC-AMLD-3690IZ Datasheet
281Kb / 8P
   Up to 1200mA | LED Driver
AMLD-3690IZ AIMTEC-AMLD-3690IZ Datasheet
593Kb / 12P
   Up to 2000mA | LED Driver
More results

Descripción similar - AMLD-3690IZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMLD-IZ AIMTEC-AMLD-IZ_13 Datasheet
580Kb / 12P
   Up to 2000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ_16 Datasheet
593Kb / 12P
   Up to 2000mA | LED Driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
logo
ams AG
AS3648 AMSCO-AS3648 Datasheet
4Mb / 39P
   2000mA High Current LED Flash Driver
logo
AIMTEC
AMLD-Z AIMTEC-AMLD-Z_16 Datasheet
481Kb / 13P
   Up to 1000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ Datasheet
281Kb / 8P
   Up to 1200mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z Datasheet
310Kb / 14P
   Up to 1000mA | LED Driver
AMLDW-RZ AIMTEC-AMLDW-RZ Datasheet
299Kb / 3P
   Up to 1000mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
   Up to 700mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com