Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMLD-36110IZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AMLD-36110IZ
Descripción Electrónicos  Up to 2000mA | LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-36110IZ Datasheet(HTML) 1 Page - AIMTEC

  AMLD-36110IZ Datasheet HTML 1Page - AIMTEC AMLD-36110IZ Datasheet HTML 2Page - AIMTEC AMLD-36110IZ Datasheet HTML 3Page - AIMTEC AMLD-36110IZ Datasheet HTML 4Page - AIMTEC AMLD-36110IZ Datasheet HTML 5Page - AIMTEC AMLD-36110IZ Datasheet HTML 6Page - AIMTEC AMLD-36110IZ Datasheet HTML 7Page - AIMTEC AMLD-36110IZ Datasheet HTML 8Page - AIMTEC AMLD-36110IZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Series AMLD-IZ
Up to 2000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.K
1 of 13
North America only
FEATURES:
Models
Single output
Model
Input Voltage (V)
Output Voltage (V)
Output Current (mA)
Efficiency Max (%)
AMLD-3630IZ
5-36
2-32
300
96
AMLD-3635IZ
5-36
2-32
350
96
AMLD-3650IZ
5-36
2-32
500
96
AMLD-3660IZ
5-36
2-32
600
96
AMLD-3670IZ
5-36
2-32
700
96
AMLD-3680IZ
5-36
2-32
800
96
AMLD-3690IZ
5-36
2-32
900
96
AMLD-36100IZ
5-36
2-32
1000
96
AMLD-36110IZ
5-36
2-32
1100
96
AMLD-36120IZ
5-36
2-32
1200
96
AMLD-36130IZ
5-36
2-32
1300
95
AMLD-36140IZ
5-36
2-32
1400
95
AMLD-36150IZ
5-36
2-32
1500
95
AMLD-36160IZ
5-36
2-32
1600
95
AMLD-36180IZ
5-36
2-32
1800
95
AMLD-36200IZ
5-36
2-32
2000
95
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
5-36
36
VDC
On/Off Control (Analog Control)
Input voltage range (0-12Vdc)
(Leave open if not used)
ON: Open or 0V> V <0.6V
OFF: 0.6V> V <5V (1mA Max)
Dimming Control (Digital Control)
Max PWM Frequency (10%~90%) 200Hz / 20KHz for 1.6A, 1.8A, 2.0A models
Dimming Control (Analog Control)
Input voltage range (0-12Vdc)*
(Leave open if not used)
For models with 1.5A and below
0-4.5V (1mA max) Analog Voltage (0%~100%) models: AMLD-3630IZ, AMLD-3635IZ,
AMLD-3650IZ
0-6.5V (1mA max) Analog Voltage (0%~100%) models: AMLD-3660IZ, AMLD-3670IZ,
AMLD-3680IZ, AMLD-3690IZ, AMLD-36100IZ, AMLD-36110IZ, AMLD-36120IZ
* NOTE: Exceeding 12Vdc on Dimming Control pin will damage the converter.
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±2
%
Short Circuit protection
Regulated at the rated current for each model
Output Open Protection
No Load
Max load capacitance
100
µF
Ripple & Noise
20MHz Bandwidth
300
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
260
1.5MHz for 1.6A, 1.8A, 2.0A models
KHz
Operating temperature
-40 to +85
-40 TO +70 (1.2A, 1.3A, & 1.5A, 1.6A, 1.8A, 2.0A models)
oC
Storage temperature
-40 to +125
oC
• High Power LED Driver
Constant Output Current
• Wide (7:1) Input Voltage Range
High Efficiency (Up to 96%)
• Remote Control Function
Dimming Function (0 – 100%)
• 24 Pin DIP Package


Número de pieza similar - AMLD-36110IZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMLD-36110IZ AIMTEC-AMLD-36110IZ Datasheet
281Kb / 8P
   Up to 1200mA | LED Driver
AMLD-36110IZ AIMTEC-AMLD-36110IZ Datasheet
593Kb / 12P
   Up to 2000mA | LED Driver
More results

Descripción similar - AMLD-36110IZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMLD-IZ AIMTEC-AMLD-IZ_13 Datasheet
580Kb / 12P
   Up to 2000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ_16 Datasheet
593Kb / 12P
   Up to 2000mA | LED Driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
logo
ams AG
AS3648 AMSCO-AS3648 Datasheet
4Mb / 39P
   2000mA High Current LED Flash Driver
logo
AIMTEC
AMLD-Z AIMTEC-AMLD-Z_16 Datasheet
481Kb / 13P
   Up to 1000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ Datasheet
281Kb / 8P
   Up to 1200mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z Datasheet
310Kb / 14P
   Up to 1000mA | LED Driver
AMLDW-RZ AIMTEC-AMLDW-RZ Datasheet
299Kb / 3P
   Up to 1000mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
   Up to 700mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com