Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL23418WFRUZ-TK Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL23418WFRUZ-TK
Descripción Electrónicos  Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23418WFRUZ-TK Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL23418WFRUZ-TK Datasheet HTML 2Page - Intersil Corporation ISL23418WFRUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL23418WFRUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL23418WFRUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL23418WFRUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL23418WFRUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL23418WFRUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL23418WFRUZ-TK Datasheet HTML 9Page - Intersil Corporation ISL23418WFRUZ-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL23418
6
FN7901.0
August 3, 2011
TCR
(Note 19)
Resistance Temperature Coefficient
W option; Wiper register set between
32 hex and 7F hex
220
ppm/°C
U option; Wiper register set between
32 hex and 7F hex
100
ppm/°C
T option; Wiper register set between
32 hex and 7F hex
75
ppm/°C
Analog Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
Operating Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise
stated. Boldface limits apply over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
ILOGIC
VLOGIC Supply Current (Write/Read)
VLOGIC = 5.5V, VCC = 5.5V,
fSCK = 5MHz (for SPI active read and write)
1.5
mA
VLOGIC = 1.2V, VCC = 1.7V,
fSCK = 1MHz (for SPI active read and write)
30
µA
ICC
VCC Supply Current (Write/Read)
VLOGIC = 5.5V, VCC = 5.5V
100
µA
VLOGIC = 1.2V, VCC = 1.7V
10
µA
ILOGIC SB VLOGIC Standby Current
VLOGIC = VCC = 5.5V,
SPI interface in standby
1.3
µA
VLOGIC = 1.2V, VCC = 1.7V,
SPI interface in standby
0.4
µA
ICC SB
VCC Standby Current
VLOGIC = VCC = 5.5V,
SPI interface in standby
1.5
µA
VLOGIC = 1.2V, VCC = 1.7V,
SPI interface in standby
1
µA
ILOGIC SHDN VLOGIC Shutdown Current
VLOGIC = VCC = 5.5V,
SPI interface in standby
1.3
µA
VLOGIC = 1.2V, VCC = 1.7V,
SPI interface in standby
0.4
µA
ICC SHDN VCC Shutdown Current
VLOGIC = VCC = 5.5V,
SPI interface in standby
1.5
µA
VLOGIC = 1.2V, VCC = 1.7V,
SPI interface in standby
1
µA
ILkgDig
Leakage Current, at Pins CS, SDO, SDI,
SCK
Voltage at pin from GND to VLOGIC
-0.4
<0.1
0.4
µA
tDCP
Wiper Response Time
W option; CS rising edge to wiper new position,
from 10% to 90% of final value.
0.4
µs
U option; CS rising edge to wiper new position,
from 10% to 90% of final value.
1.5
µs
T option; CS rising edge to wiper new position,
from 10% to 90% of final value.
3.5
µs
tShdnRec
DCP Recall Time from Shutdown Mode
CS rising edge to wiper recalled position and
RH connection
1.5
µs
VCC, VLOGIC
Ramp
VCC, VLOGIC Ramp Rate
Ramp monotonic at any level
0.01
50
V/ms


Número de pieza similar - ISL23418WFRUZ-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL23418WFRUZ-TK RENESAS-ISL23418WFRUZ-TK Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Descripción similar - ISL23418WFRUZ-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com