Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3766 Datasheet(PDF) 1 Page - Diotec Semiconductor

No. de pieza 1N3766
Descripción Electrónicos  Silicon-Power-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTEC [Diotec Semiconductor]
Página de inicio  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1N3766 Datasheet(HTML) 1 Page - Diotec Semiconductor

  1N3766 Datasheet HTML 1Page - Diotec Semiconductor 1N3766 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N1183 ... 1N1190, 1N3766, 1N3768, PBY301 ... PB307
1N1183 ... 1N1190, 1N3766, 1N3768,
PBY301 ... PB307
Silicon-Power-Rectifiers
Silizium-Leistungs-Gleichrichter
Version 2007-05-09
Dimensions - Maße [mm]
Nominal Current
Nennstrom
35 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50 ... 1000 V
Metal case
Metallgehäuse
DO-5
Weight approx.
Gewicht ca.
6 g
Standard polarity: Cathode to stud / Kathode am Gewinde
Index R: Anode to stud / Anode am Gewinde (e. g. 1N1183R)
Standard packaging: bulk
Standard Lieferform: lose im Karton
Maximum ratings
Grenzwerte
Type
Typ
Repetive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
1N1183 = PBY301
50
60
1N1184 = PBY302
100
120
1N1186 = PBY303
200
240
1N1188 = PBY304
400
480
1N1190 = PBY305
600
720
1N3766 = PBY306
800
1000
1N3768 = PBY307
1000
1200
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 100°C
IFAV
35 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
110 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
450/500 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
1000 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-65...+175°C
-65...+175°C
1
Max. case temperature TC = 100°C – Max. Gehäusetemperatur TC = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 4+0.5
M6
SW17
Type
13.6


Número de pieza similar - 1N3766

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N3766 MICROSEMI-1N3766 Datasheet
113Kb / 2P
   Military Silicon Power Rectifier
logo
GeneSiC Semiconductor, ...
1N3766 GENESIC-1N3766 Datasheet
705Kb / 3P
   Silicon Standard Recovery Diode
logo
Diotec Semiconductor
1N3766 DIOTEC-1N3766 Datasheet
160Kb / 2P
   Silicon-Power Rectifiers
logo
GeneSiC Semiconductor, ...
1N3766 GENESIC-1N3766 Datasheet
728Kb / 3P
   Silicon Standard Recovery Diode
logo
Microsemi Corporation
1N3766 MICROSEMI-1N3766 Datasheet
128Kb / 2P
   Silicon Power Rectifier
More results

Descripción similar - 1N3766

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183 Datasheet
160Kb / 2P
   Silicon-Power Rectifiers
1N1199A DIOTEC-1N1199A Datasheet
154Kb / 2P
   Silicon-Power Rectifiers
logo
Edal Industries, Inc.
G5A3 EDAL-G5A3 Datasheet
626Kb / 2P
   Silicon Power Rectifiers
E4A3 EDAL-E4A3 Datasheet
1Mb / 2P
   Silicon Power Rectifiers
logo
New Jersey Semi-Conduct...
1N248 NJSEMI-1N248 Datasheet
100Kb / 1P
   Silicon Power Rectifiers
logo
Edal Industries, Inc.
J5A3 EDAL-J5A3 Datasheet
848Kb / 2P
   Silicon Power Rectifiers
logo
Diotec Semiconductor
1N1199A DIOTEC-1N1199A_07 Datasheet
128Kb / 2P
   Silicon-Power-Rectifiers
logo
Edal Industries, Inc.
F3A3 EDAL-F3A3 Datasheet
839Kb / 2P
   Silicon Power Rectifiers
logo
New Jersey Semi-Conduct...
1N1202A NJSEMI-1N1202A Datasheet
124Kb / 1P
   Silicon Avalanche Power Rectifiers
logo
List of Unclassifed Man...
VF10-5 ETC-VF10-5 Datasheet
167Kb / 1P
   High voltage diffused silicon power rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com