Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PQ20VZ51 Datasheet(PDF) 1 Page - Sharp Corporation

No. de pieza PQ20VZ51
Descripción Electrónicos  Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHARP [Sharp Corporation]
Página de inicio  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ20VZ51 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ20VZ51 Datasheet HTML 1Page - Sharp Corporation PQ20VZ51 Datasheet HTML 2Page - Sharp Corporation PQ20VZ51 Datasheet HTML 3Page - Sharp Corporation PQ20VZ51 Datasheet HTML 4Page - Sharp Corporation PQ20VZ51 Datasheet HTML 5Page - Sharp Corporation PQ20VZ51 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
“ In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
Low Power-Loss Voltage Regulators
PQ20VZ51/PQ20VZ11
PQ20VZ51/PQ20VZ11
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
s Features
¡Low power-loss (Dropout voltage : 0.5V)
¡Compact surface mount package
¡ Both the 0.5A output PQ20VZ51 and the 1A output
PQ20VZ11 have high-precision outputs (Reference voltage
precision :
±2.0%)
¡Variable output type (Output voltage variable range : 1.5V to
20V)
¡Built-in ON-OFF control function
¡Low dissipation current at OFF-state (Iqs : MAX.5
µA)
¡Tape packaged type is available.
(
φ330mm reel : 3 000pcs.,PQ20VZ5U/PQ20VZ1U)
s Applications
¡Car audio equipment
¡VCR
Parameter
Symbol
Rating
Unit
VIN
VC
VADJ
IO
PD
Tj
Topr
Tstg
Tsol
24
24
7
0.5
1
8
150
-20 to +80
-40 to +150
260 (For 10s)
V
V
V
A
W
˚C
˚C
˚C
˚C
Input voltage
Output contorol voltage
Output adjustment terminal Voltage
Output current
Power dissipation (With infinite heat sink)
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
*1
*1
*1
*2
*3
*1 All are open except GND and applicable terminals.
*2 Overheat protection may operate at 125˚C=<Tj=<150˚C
*3 For 10s
s Absolute Maximum Ratings
(Ta=25˚C)
PQ20VZ51
PQ20VZ11
s Outline Dimensions
(Unit : mm)
· Please refer to the chapter“ Handling Precautions ”.
20VZ51
6.6MAX
5.2±0.5
2.3±0.5
(0.5)
(0.5)
3
1 DC input (VIN)
2 ON/OFF control
terminal (VC)
3 DC output (VO)
4 Output voltage minute
adjustment terminal (VADJ)
5 GND
Heat sink is common to 3 (VO).
0.5
+0.2
-0.1
4-(1.27)
13
24 5
3
5
1
2
4
Specific IC
(0to0.25)
Internal connection diagram


Número de pieza similar - PQ20VZ51

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
More results

Descripción similar - PQ20VZ51

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ5TS1 SHARP-PQ5TS1 Datasheet
21Kb / 2P
   0.15A Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ2TZ55 SHARP-PQ2TZ55 Datasheet
37Kb / 4P
   2.5V Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ3TZ50 SHARP-PQ3TZ50 Datasheet
39Kb / 5P
   3.0V/3.3V Output Surface Mount Type Low Power-Loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5_01 Datasheet
57Kb / 5P
   Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com