Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7000 Datasheet(PDF) 2 Page - Diotec Semiconductor

No. de pieza 2N7000
Descripción Electrónicos  N-Channel Enhancement Mode Field Effect Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTEC [Diotec Semiconductor]
Página de inicio  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

2N7000 Datasheet(HTML) 2 Page - Diotec Semiconductor

  2N7000 Datasheet HTML 1Page - Diotec Semiconductor 2N7000 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N7000
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Drain-Source breakdown voltage – Drain-Source Durchbruchspannung
ID = 10 µA
V(BR)DSS
60 V
Drain-Source leakage current – Drain-Source Leckstrom
G short
VDS = 48 V
VDS = 48 V, Tj = 125°C
IDSS
IDSS
1 µA
1 mA
Gate-Body leakage current – Gate-Substrat Leckstrom
VGS = ±15 V
±IGSS
10 nA
Gate-Threshold voltage – Gate-Source Schwellspannung
VGS = VDS, ID = 1 mA
VGS(th)
0.8 V
3 V
Drain-Source on-voltage – Drain-Source-Spannung
VGS = 10 V, ID = 500 mA
VGS = 4.5 V, ID = 75 mA
VDS(on)
2.5 V
0.45 V
Drain-Source on-state resistance – Drain-Source Einschaltwiderstand
VGS = 10 V, ID = 500 mA
VGS = 4.5 V, ID = 75 mA
RDS(on)
RDS(on)
5 Ω
6 Ω
Forward Transconductance – Übertragungssteilheit
VDS = 10 V, ID = 200 mA
gFS
100 mS
Input Capacitance – Eingangskapazität
VDS = 25 V, f = 1 MHz
Ciss
60 pF
Output Capacitance – Ausgangskapazität
VDS = 25 V, f = 1 MHz
Coss
25 pF
Reverse Transfer Capacitance – Rückwirkungskapazität
VDS = 25 V, f = 1 MHz
Crss
5 pF
Turn-On Delay Time – Einschaltverzögerung
VDD= 15 V, RL= 30 Ω, ID= 0.5 A, VGS= 10 V, RG= 25 Ω
ton
10 ns
Turn-Off Delay Time – Ausschaltverzögerung
VDD= 15 V, RL= 30 Ω, ID= 0.5 A, VGS= 10 V, RG= 25 Ω
toff
10 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 357 K/W 1)
1
Device mounted on standard PCB material
Bauteil montiert auf Standard-Leiterplattenmaterial
2
http://www.diotec.com/
© Diotec Semiconductor AG


Número de pieza similar - 2N7000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
2N7000 MOTOROLA-2N7000 Datasheet
77Kb / 4P
   CASE 29-04, STYLE 22 TO-92 (TO-226AA)
logo
SHENZHEN KOO CHIN ELECT...
2N7000 KOOCHIN-2N7000 Datasheet
661Kb / 3P
   MOSFET( N-Channel )
logo
STMicroelectronics
2N7000 STMICROELECTRONICS-2N7000 Datasheet
383Kb / 14P
   N-channel 60V - 1.8ohm - 0.35A - SOT23-3L / TO-92 STripFET Power MOSFET
logo
Fairchild Semiconductor
2N7000 FAIRCHILD-2N7000 Datasheet
116Kb / 7P
   N-Channel Enhancement Mode Field Effect Transistor
logo
NXP Semiconductors
2N7000 PHILIPS-2N7000 Datasheet
76Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
More results

Descripción similar - 2N7000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com