Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMB-G14L Datasheet(PDF) 1 Page - Sanken electric

No. de pieza FMB-G14L
Descripción Electrónicos  Silicon Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-G14L Datasheet(HTML) 1 Page - Sanken electric

  FMB-G14L Datasheet HTML 1Page - Sanken electric FMB-G14L Datasheet HTML 2Page - Sanken electric FMB-G14L Datasheet HTML 3Page - Sanken electric FMB-G14L Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANKEN ELECTRIC CO., LTD.
FMB-G14L
040130
1/4
61426-01
1.
Scope
The present specifications shall apply to an FMB-G14L.
2.
Outline
High Frequency Rectification
Type
Silicon Schottky Barrier Diode
Structure
Resin Molded
Flammability : UL94V-0 (Equivalent)
Applications
High Frequency Rectification
3.
Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
45
2
Peak Reverse Voltage
VRM
V
40
3
Average Forward Current
IF(AV)
A
5.0
Refer Derating of 6
4
Peak Surge Forward Current
IFSM
A
60
half sinewave, one shot
5
I2t Limiting Value
I2t
A2s
18
1msec≤ t≤ 10msec
6
Junction Temperature
Tj
°C
-40∼+150
7
Storage Temperature
Tstg
°C
-40∼+150
4.
Electrical characteristics
No.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
0.55 max.
IF=5.0A
2
Reverse Leakage Current
IR
mA
5.0 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR1
mA
50 max.
VR=VRM, Tj=125°C
H・IR2
mA
175 max.
VR=VRM, Tj=150°C
4
Thermal Resistance
Rth(j-c)
°C/W
4.0 max.
Between Junction and case


Número de pieza similar - FMB-G14L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
FMB-G14L SANKEN-FMB-G14L Datasheet
23Kb / 1P
   Schottky Barrier Diodes 40V
FMB-G14L SANKEN-FMB-G14L Datasheet
85Kb / 3P
   Schottky Barrier Diodes
More results

Descripción similar - FMB-G14L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
   Silicon Schottky Barrier Diode
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
   Silicon Schottky Barrier Diode
logo
Nanjing International G...
1N60P DGNJDZ-1N60P Datasheet
75Kb / 1P
   SILICON SCHOTTKY BARRIER DIODE
logo
National Semiconductor ...
HPC36164 NSC-HPC36164 Datasheet
348Kb / 5P
   Silicon Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
SD784WS SEMTECH_ELEC-SD784WS Datasheet
176Kb / 3P
   SILICON SCHOTTKY BARRIER DIODE
logo
Guangdong Kexin Industr...
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
   Silicon Schottky Barrier Diode
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
logo
Sanken electric
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
   Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
   Silicon Schottky Barrier Diode
SJPA-D3 SANKEN-SJPA-D3 Datasheet
128Kb / 5P
   Silicon Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com