Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-3000ZF Datasheet(PDF) 2 Page - Sanken electric

No. de pieza SI-3000ZF
Descripción Electrónicos  5-Terminal, Low Dropout Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000ZF Datasheet(HTML) 2 Page - Sanken electric

  SI-3000ZF Datasheet HTML 1Page - Sanken electric SI-3000ZF Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
83
ICs
SI-3000ZF Series
■Typical Connection Diagram/Block Diagram
CIN: Input capacitor (Approx. 10µF)
This capacitor is required when the input line contains induc-
tance or when the wiring is long.
CO: Output capacitor (47µF or higher)
The output voltage may oscillate if a low ESR type capacitor
(such as a ceramic capacitor) is used for the output capacitor
in SI-3000ZF.
R1, R2: Output voltage setting resistors
The output voltage can be set by connecting R1 and R2 as
shown at left.
The recommended value for R2 is 10kΩ or 11kΩ.
R1= (VO–VADJ) / (VADJ/R2)
*: Insert R3 in case of setting VO to VO ≤ 1.8V. The recom-
mended value for R3 is 10kΩ.
SI-3011ZF
■External Dimensions (TO220F-5)
(unit : mm)
Pin Assignment
q VC
w VIN
e GND
r Vo
t ADJ
Plastic Mold Package Type
Flammability: UL94V-0
Product Mass: Approx. 2.3g
REF
TSD
Drive
VIN
CIN
VC
ON/
OFF
VO
CO
R1
R2
GND
4
-
+
-
+
+
2
5
3
1
OCP
AMP1
ADJ
*
R3
■Ta-PD Characteristics
25
20
15
10
5
0
With Infinite Heatsink
Without heatsink
75×75×2mm (7.6°C/W)
100×100×2mm (5.2°C/W)
200×200×2mm (2.3°C/W)
–30
0
25
50
Ambient Temperature Ta (°C)
75
100
With Silicone Grease
Heatsink: Aluminum
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
12 3 4 5
P1.7±0.7
×4=6.8±0.7
2.8
±0.2


Número de pieza similar - SI-3000ZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-3000ZFE SANKEN-SI-3000ZFE Datasheet
443Kb / 2P
   5-Terminal Low Dropout Voltage Linear Regulator ICs
More results

Descripción similar - SI-3000ZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
   5-Terminal, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
SI-3011ZFE ALLEGRO-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000ZFE SANKEN-SI-3000ZFE Datasheet
443Kb / 2P
   5-Terminal Low Dropout Voltage Linear Regulator ICs
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com