Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM78L09TA Datasheet(PDF) 9 Page - HTC Korea TAEJIN Technology Co.

No. de pieza LM78L09TA
Descripción Electrónicos  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HTC [HTC Korea TAEJIN Technology Co.]
Página de inicio  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM78L09TA Datasheet(HTML) 9 Page - HTC Korea TAEJIN Technology Co.

Back Button LM78L09TA Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM78L09TA Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM78L09TA Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM78L09TA Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM78L09TA Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM78L09TA Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM78L09TA Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM78L09TA Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM78L09TA Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78LXX
Oct. 2010 - Rev. 1.4
- 9
-
HTC
LM78L15 (At specified virtual junction temperature, VIN = 23V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
14.4
15
15.6
1mA ≤ Io ≤ 40mA
17.5V ≤ VIN ≤ 30V
14.25
15
15.75
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
-30℃ ~
125℃
14.25
15
15.75
V
17.5V ≤ VIN ≤ 30V
65
300
Line Regulation
ΔVLINE
19V ≤ VIN ≤ 30V
25℃
58
250
mV
1mA ≤ Io ≤ 100mA
25
150
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
15
75
mV
25℃
4.2
6.5
Bias Current
IB
125℃
6
mA
19V ≤ VIN ≤ 30V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
-30℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
82
uV
Ripple Rejection
RR
18.5V ≤ VIN ≤ 28.5V,
f=120Hz
25℃
37
44
dB
Dropout Voltage
VD
25℃
1.7
V
LM78L18 (At specified virtual junction temperature, VIN = 26V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
17.3
18
18.7
1mA ≤ Io ≤ 40mA
20.5V ≤ VIN ≤ 33V
17.1
18
18.9
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
-30℃ ~
125℃
17.1
18
18.9
V
20.5V ≤ VIN ≤ 33V
70
360
Line Regulation
ΔVLINE
22V ≤ VIN ≤ 33V
25℃
64
300
mV
1mA ≤ Io ≤ 100mA
27
180
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
19
90
mV
25℃
4.7
6.5
Bias Current
IB
125℃
6
mA
22V ≤ VIN ≤ 33V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
-30℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
82
uV
Ripple Rejection
RR
21.5V ≤ VIN ≤ 31.5V,
f=120Hz
25℃
32
36
dB
Dropout Voltage
VD
25℃
1.7
V


Número de pieza similar - LM78L09TA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
LM78L09TA HTC-LM78L09TA Datasheet
208Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results

Descripción similar - LM78L09TA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_V01 Datasheet
316Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78L24A FAIRCHILD-KA78L24A Datasheet
78Kb / 16P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_09 Datasheet
290Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com