Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM78L10 Datasheet(PDF) 10 Page - HTC Korea TAEJIN Technology Co.

No. de pieza LM78L10
Descripción Electrónicos  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HTC [HTC Korea TAEJIN Technology Co.]
Página de inicio  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM78L10 Datasheet(HTML) 10 Page - HTC Korea TAEJIN Technology Co.

Back Button LM78L10 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78LXX
Oct. 2010 - Rev. 1.4
- 10
-
HTC
LM78L24 (At specified virtual junction temperature, VIN = 32V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
23
24
25
1mA ≤ Io ≤ 40mA
26.5V ≤ VIN ≤ 39V
22.8
24
25.2
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
-30℃ ~
125℃
22.8
24
25.2
V
26.5V ≤ VIN ≤ 39V
95
480
Line Regulation
ΔVLINE
29V ≤ VIN ≤ 39V
25℃
78
400
mV
1mA ≤ Io ≤ 100mA
41
240
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
28
120
mV
25℃
4.8
6.5
Bias Current
IB
125℃
6
mA
28V ≤ VIN ≤ 39V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
-30℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
82
uV
Ripple Rejection
RR
27.5V ≤ VIN ≤ 37.5V,
f=120Hz
25℃
30
33
dB
Dropout Voltage
VD
25℃
1.7
V
Note 1. Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal
effects must be taken into account separately.
All characteristics are measured with a 0.33uF capacitor across the input and a 0.1uF capacitor across the output.
Note 2. This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Número de pieza similar - LM78L10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
LM78L10 KEXIN-LM78L10 Datasheet
55Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
First Components Intern...
LM78L10 FCI-LM78L10 Datasheet
2Mb / 7P
   LM78L00Series 3-Terminal Low Current Positive Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM78L10 HTC-LM78L10 Datasheet
208Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78L10A HTC-LM78L10A Datasheet
208Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM78L10A3 CYSTEKEC-LM78L10A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
More results

Descripción similar - LM78L10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_V01 Datasheet
316Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78L24A FAIRCHILD-KA78L24A Datasheet
78Kb / 16P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_09 Datasheet
290Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com