Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM8805F-1.2V Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

No. de pieza LM8805F-1.2V
Descripción Electrónicos  600mA CMOS L.D.O. Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HTC [HTC Korea TAEJIN Technology Co.]
Página de inicio  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM8805F-1.2V Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM8805F-1.2V Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM8805F-1.2V Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM8805F-1.2V Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM8805F-1.2V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM8805F-1.2V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
600mA CMOS L.D.O. Regulator
LM8805
Aug. 2010 - Rev. 1.5.1
- 3
-
HTC
TYPICAL APPLICATION
Typical 3 Pin Application Circuit
LM8805-X.X
CIN
VIN
VOUT
GND
VIN
VOUT
COUT
Typical 5 Pin Application Circuit
- Output Adjustment (Adjustable version)
LM8805-ADJ
CIN
VIN
EN
VOUT
ADJ
GND
VIN
VOUT
R1
R2
COUT
VOUT = VADJ(1+R2/R1)
- Fixed Voltage Application
LM8805-X.X
CIN
VIN
EN
VOUT
BYP*
GND
VIN
VOUT
COUT
CBYP
(Optional)
* Note) BYP pin can be left open if low noise operation is not required.


Número de pieza similar - LM8805F-1.2V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Components Intern...
LM8805 FCI-LM8805 Datasheet
439Kb / 7P
   600mA CMOS Low-Dropout Linear Regulators
More results

Descripción similar - LM8805F-1.2V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
LM1108 HTC-LM1108 Datasheet
216Kb / 4P
   300mA CMOS L.D.O. Regulator
logo
GTM CORPORATION
GSC2166 GTM-GSC2166 Datasheet
346Kb / 5P
   600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2156 GTM-GSC2156 Datasheet
359Kb / 7P
   600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2176 GTM-GSC2176 Datasheet
359Kb / 7P
   600mA CMOS POSITIVE VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8819 AME-AME8819 Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
logo
GTM CORPORATION
GSC2146 GTM-GSC2146 Datasheet
347Kb / 5P
   600mA CMOS POSITIVE VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
HTC Korea TAEJIN Techno...
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com