Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM51031 Datasheet(PDF) 9 Page - HTC Korea TAEJIN Technology Co.

No. de pieza LM51031
Descripción Electrónicos  Fast PFET Buck Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HTC [HTC Korea TAEJIN Technology Co.]
Página de inicio  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM51031 Datasheet(HTML) 9 Page - HTC Korea TAEJIN Technology Co.

  LM51031 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM51031 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM51031 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM51031 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM51031 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM51031 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM51031 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM51031 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM51031 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Fast PFET Buck Controller
LM51031
A P−Ch FET with a continuous drain current (ID)
rating greater than the maximum output current is
required. The Gate−to−Source voltage VGS and
Source Breakdown Voltage should be chosen
based on the input supply voltage. The power
dissipation due to the conduction losses is
given by:
where
The power dissipation of the P−Ch FET due to
the switching losses is given by:
where tr = Rise Time.
11) Diode Selection
The flyback or catch diode should be a Schottky
diode because of it’s fast switching ability and
low forward voltage drop. The current rating
must be at least equal to the maximum output
current. The breakdown voltage should be at
least 20 V for this 12 V application. The diode
power dissipation is given by:
HTC
9 −


Número de pieza similar - LM51031

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
National Semiconductor ...
LM5100A NSC-LM5100A Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5100A TI1-LM5100A Datasheet
596Kb / 20P
[Old version datasheet]   LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100AM TI1-LM5100AM Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results

Descripción similar - LM51031

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
Cherry Semiconductor Co...
CS51031 CHERRY-CS51031 Datasheet
153Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
CS51033 CHERRY-CS51033 Datasheet
159Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com