Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

545E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

No. de pieza 545E
Descripción Electrónicos  GaAs MMIC SPDT SWITCH, DC - 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

545E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  545E Datasheet HTML 1Page - Hittite Microwave Corporation 545E Datasheet HTML 2Page - Hittite Microwave Corporation 545E Datasheet HTML 3Page - Hittite Microwave Corporation 545E Datasheet HTML 4Page - Hittite Microwave Corporation 545E Datasheet HTML 5Page - Hittite Microwave Corporation 545E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10
10 - 308
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
GaAs MMIC SPDT
SWITCH, DC - 3 GHz
v00.0905
HMC545 / 545E
Control Voltages
Absolute Maximum Ratings
State
Bias Condition
Low
0 to 0.2 Vdc @ 1 µA Typical
High
+3 Vdc @ 0.5 µA Typical to
+8 Vdc @ 3 µA Typical (±0.2 Vdc)
RF Input Power (Vctl = 0/+8V)
+34 dBm
Control Voltage Range (A & B)
-0.2 to +12 Vdc
Hot Switch Power Level
(Vctl = 0/+8V)
+32 dBm
Channel Temperature
150 °C
Continuous Pdiss (T= 85 °C)
(derate 3.5 mW/ °C above 85°C)
0.23 W
Thermal Resistance
282 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
DC blocks are required at ports RFC, RF1 and RF2.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Control Input
Control Current
A
B
RFC to RF1
RFC to RF2
Low
High
Off
On
High
Low
On
Off
Truth Table
Input Third Order
Intercept Point vs. Control Voltage
30
35
40
45
50
55
60
65
70
75
0.5
1
1.5
2
2.5
3
+3V
+5V
+8V
FREQUENCY (GHz)
Low Frequency Input P0.1dB vs. Vctl
10
15
20
25
30
35
40
0.01
0.1
1
+3V
+5V
+8V
FREQUENCY (GHz)
Low Frequency Input P1dB vs. Vctl
10
15
20
25
30
35
40
0.01
0.1
1
+3V
+5V
+8V
FREQUENCY (GHz)
Insertion Loss, T = +25 °C
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)


Número de pieza similar - 545E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
545 ETC2-545 Datasheet
974Kb / 20P
   DOLBY-B NOISE PROCESSOR
logo
Henkel Korea Limited.
545 HENKEL-545 Datasheet
79Kb / 3P
   545 provides the following product characteristics
May 2004
logo
Pomona Electronics
5450 POMONA-5450 Datasheet
88Kb / 5P
   PLCC Socket Breakouts
logo
Alpha Wire
5450/12 ALPHAWIRE-5450/12 Datasheet
100Kb / 5P
   Customer Specification
8/29/2022
5450/12 ALPHAWIRE-5450/12 Datasheet
99Kb / 5P
   Customer Specification
12/2/2022
More results

Descripción similar - 545E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC194AMS8 AD-HMC194AMS8 Datasheet
297Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8_08 Datasheet
178Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8 Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC545A AD-HMC545A Datasheet
341Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC545 HITTITE-HMC545 Datasheet
271Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com