Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCP060T Datasheet(PDF) 2 Page - BeRex Corporation

No. de pieza BCP060T
Descripción Electrónicos  HIGH EFFICIENCY pHEMT POWER FET CHIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BEREX [BeRex Corporation]
Página de inicio  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP060T Datasheet(HTML) 2 Page - BeRex Corporation

  BCP060T Datasheet HTML 1Page - BeRex Corporation BCP060T Datasheet HTML 2Page - BeRex Corporation BCP060T Datasheet HTML 3Page - BeRex Corporation BCP060T Datasheet HTML 4Page - BeRex Corporation BCP060T Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.berex.com
BeRex, Inc. 1735 North 1
st Street #302 San Jose, CA 95112 tel. (408) 452-5595
September 2011
Specifications are subject to change without notice. ©BeRex 2011
Rev. 1.2
BCP060T
ELECTRICAL CHARACTERISTIC (TUNED FOR GAIN) Ta = 25° C
SYMBOL
PARAMETER/TEST CONDITIONS
TEST
FREQ.
MIN.
TYPICAL
MAX.
UNIT
P1dB
Output Power @ P1dB (Vds = 8V, Ids = 50%
Idss)
12 GHz
18 GHz
27.5
27.0
dBm
G1dB
Gain @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
11.0
12.5
9.5
dB
PAE
PAE @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
55
50
%
NF
50 Ohm Noise Figure (Vds=2V, Idss=15 mA)
12 GHz
1.34
dB
Idss
Saturated Drain Current (Vgs = 0V, Vds = 2V)
120
180
240
mA
Gm
Transconductance (Vds = 3V, Vgs = 50% Idss)
240
mS
Vp
Pinch-off Voltage (Ids = 0.6 mA, Vds = 2V)
- 2.5
-1.1
- 0.5
V
BVgd
Drain Breakdown Voltage (Ig = 0.6 mA, source open)
-15
-12
V
BVgs
Source Breakdown Voltage (Ig = 0.6 mA, drain open)
-13
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
75
°C/W
MAXIMUM RATING (Ta = 25° C)
SYMBOLS
PARAMETERS
ABSOLUTE
CONTINUOUS
Vds
Vgs
Ids
Igsf
Pin
Tch
Tstg
Pt
Drain-Source Voltage
Gate-Source Voltage
Drain Current
Forward Gate Current
Input Power
Channel Temperature
Storage Temperature
Total Power Dissipation
12 V
-6 V
Idss
30 mA
25 dBm
175° C
-60° C - 150° C
2.6 W
8 V
-3 V
Idss
10 mA
@3dB Compression
150° C
-60° C - 150° C
2.2 W
Exceeding any of the above Maximum Ratings will result in reduced MTTF and may cause permanent damage to the device.


Número de pieza similar - BCP060T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BeRex Corporation
BCP060T BEREX-BCP060T Datasheet
435Kb / 5P
   HIGH EFFICIENCY pHEMT POWER FET CHIP
BCP060T-70 BEREX-BCP060T-70 Datasheet
866Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP060T-70 BEREX-BCP060T-70 Datasheet
715Kb / 8P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP060T-70 BEREX-BCP060T-70_15 Datasheet
715Kb / 8P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP060T2 BEREX-BCP060T2 Datasheet
460Kb / 5P
   HIGH EFFICIENCY pHEMT POWER FET CHIP
More results

Descripción similar - BCP060T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BeRex Corporation
BCP060T2 BEREX-BCP060T2 Datasheet
460Kb / 5P
   HIGH EFFICIENCY pHEMT POWER FET CHIP
BCP060T BEREX-BCP060T_15 Datasheet
435Kb / 5P
   HIGH EFFICIENCY pHEMT POWER FET CHIP
BCP120T BEREX-BCP120T Datasheet
692Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP240T BEREX-BCP240T Datasheet
578Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF020T BEREX-BCF020T_18 Datasheet
401Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP040C BEREX-BCP040C_18 Datasheet
329Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF080T BEREX-BCF080T Datasheet
358Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP080T BEREX-BCP080T_15 Datasheet
432Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP160C BEREX-BCP160C Datasheet
373Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C_18 Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com