Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1413S080HN Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza ADC1413S080HN
Descripción Electrónicos  Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413S080HN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button ADC1413S080HN Datasheet HTML 6Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 7Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 8Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 9Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 10Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 11Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 12Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 13Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
ADC1413S_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 8 June 2011
10 of 38
NXP Semiconductors
ADC1413S series
Single 14-bit ADC: serial JESD204A interface
10.3 Serial output timing
The eye diagram of the serial output is shown in Figure 3 and Figure 4. Test conditions
are:
3.125 Gbps data rate
Tamb =25°C
DC-coupling with two different receiver common-mode voltages
Fig 3.
Eye diagram at 1 V receiver common-mode
Fig 4.
Eye diagram at 2 V receiver common-mode
005aaa088
005aaa089


Número de pieza similar - ADC1413S080HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1413S080HN-C1 IDT-ADC1413S080HN-C1 Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results

Descripción similar - ADC1413S080HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com