Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1613D080HN Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza ADC1613D080HN
Descripción Electrónicos  Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1613D080HN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button ADC1613D080HN Datasheet HTML 6Page - NXP Semiconductors ADC1613D080HN Datasheet HTML 7Page - NXP Semiconductors ADC1613D080HN Datasheet HTML 8Page - NXP Semiconductors ADC1613D080HN Datasheet HTML 9Page - NXP Semiconductors ADC1613D080HN Datasheet HTML 10Page - NXP Semiconductors ADC1613D080HN Datasheet HTML 11Page - NXP Semiconductors ADC1613D080HN Datasheet HTML 12Page - NXP Semiconductors ADC1613D080HN Datasheet HTML 13Page - NXP Semiconductors ADC1613D080HN Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
10. Dynamic characteristics
10.1 Dynamic characteristics
Table 6.
Dynamic characteristics[1]
Symbol
Parameter
Conditions
ADC1613D065
ADC1613D080
ADC1613D105
ADC1613D125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Analog signal processing
α
2H
second harmonic level
fi = 3 MHz
-
89
-
-
89
-
-
88
-
-
90
-
dBc
fi = 30 MHz
-
88
-
-88-
-88-
-
89
-
dBc
fi = 70 MHz
-
87
-
-87-
-86-
-
87
-
dBc
fi = 170 MHz
-
84
-
-
84
-
-
83
-
-
85
-
dBc
α
3H
third harmonic level
fi = 3 MHz
-
88
-
-
88
-
-
87
-
-
89
-
dBc
fi = 30 MHz
-
87
-
-87-
-87-
-
88
-
dBc
fi = 70 MHz
-
86
-
-86-
-85-
-
86
-
dBc
fi = 170 MHz
-
83
-
-
83
-
-
82
-
-
84
-
dBc
THD
total harmonic distortion
fi = 3 MHz
-
85
-
-
85
-
-
84
-
-
86
-
dBc
fi = 30 MHz
-
84
-
-84-
-84-
-
85
-
dBc
fi = 70 MHz
-
83
-
-83-
-82-
-
83
-
dBc
fi = 170 MHz
-
80
-
-
80
-
-
79
-
-
81
-
dBc
ENOB
effective number of bits
fi = 3 MHz
-
11.7
-
-
11.7
-
-
11.7
-
-
11.6
-
bits
fi = 30 MHz
-
11.6
-
-
11.6
-
-
11.6
-
-
11.6
-
bits
fi = 70 MHz
-
11.5
-
-
11.5
-
-
11.5
-
-
11.5
-
bits
fi = 170 MHz
-
11.4
-
-
11.4
-
-
11.4
-
-
11.4
-
bits
SNR
signal-to-noise ratio
fi = 3 MHz
-
72.3
-
-
72.2
-
-
72.0
-
-
71.6
-
dBFS
fi = 30 MHz
-
71.5
-
-
71.4
-
-
71.4
-
-
71.3
-
dBFS
fi = 70 MHz
-
70.9
-
-
70.9
-
-
70.8
-
-
70.7
-
dBFS
fi = 170 MHz
-
70.4
-
-
70.3
-
-
70.2
-
-
70.1
-
dBFS
SFDR
spurious-free dynamic range
fi = 3 MHz
-
88
-
-
88
-
-
87
-
-
89
-
dBc
fi = 30 MHz
-
87
-
-87-
-87-
-
88
-
dBc
fi = 70 MHz
-
86
-
-86-
-85-
-
86
-
dBc
fi = 170 MHz
-
83
-
-
83
-
-
82
-
-
84
-
dBc


Número de pieza similar - ADC1613D080HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1613D080HN-C1 IDT-ADC1613D080HN-C1 Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D080HN/C1 NXP-ADC1613D080HN/C1 Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
More results

Descripción similar - ADC1613D080HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613S NXP-ADC1613S Datasheet
736Kb / 39P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com