Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5229B Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No. de pieza 1N5229B
Descripción Electrónicos  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Página de inicio  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

1N5229B Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  1N5229B Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5229B Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5229B Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5229B Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5229B Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Number:DB-076
Sep. 2010 / F
Page 2
L i c e n s e d b y O N S e m i c o n d u c t o r ,
A t r a d e m a r k o f s e m i c o n d u c t o r
C o m p o n e n t s
I n d u s t r i e s ,
L L C
f o r
Z e n e r T e c h n o l o g y a n d P r o d u c t s .
TAK CHEONG
®
ELECTRICAL CHARACTERISTICS (TA = 25℃ unless otherwise noted. )
Zener Voltage (Note 3.)
Zener Impedance (Note 4.)
Leakage Current
VZ (Volts)
@IZT
ZZT @IZT
ZZK @IZK
IR @ VR
θ
VZ
(Note 5.)
Device
(Note 2.)
Device
Marking
Min
Nom
Max
(mA)
(Ω)
(Ω)
(mA)
(uA Max)
(Volts)
(%/℃)
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
2.280
2.375
2.565
2.660
2.850
2.4
2.5
2.7
2.8
3.0
2.520
2.625
2.835
2.940
3.150
20
20
20
20
20
30
30
30
30
29
1200
1250
1300
1400
1600
0.25
0.25
0.25
0.25
0.25
100
100
75
75
50
1
1
1
1
1
-0.085
-0.085
-0.080
-0.080
-0.075
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
3.135
3.420
3.705
4.085
4.465
3.3
3.6
3.9
4.3
4.7
3.465
3.780
4.095
4.515
4.935
20
20
20
20
20
28
24
23
22
19
1600
1700
1900
2000
1900
0.25
0.25
0.25
0.25
0.25
25
15
10
5
5
1
1
1
1
2
-0.070
-0.065
-0.060
±0.055
±0.030
1N5231B
1N5232B
1N5233B
1N5234B
1N5235B
1N5231B
1N5232B
1N5233B
1N5234B
1N5235B
4.845
5.320
5.700
5.890
6.460
5.1
5.6
6.0
6.2
6.8
5.355
5.880
6.300
6.510
7.140
20
20
20
20
20
17
11
7
7
5
1600
1600
1600
1000
750
0.25
0.25
0.25
0.25
0.25
5
5
5
5
3
2
3
3.5
4
5
±0.030
+0.038
+0.038
+0.045
+0.050
1N5236B
1N5237B
1N5238B
1N5239B
1N5240B
1N5236B
1N5237B
1N5238B
1N5239B
1N5240B
7.125
7.790
8.265
8.645
9.500
7.5
8.2
8.7
9.1
10
7.875
8.610
9.135
9.555
10.500
20
20
20
20
20
6
8
8
10
17
500
500
600
600
600
0.25
0.25
0.25
0.25
0.25
3
3
3
3
3
6
6.5
6.5
7
8
+0.058
+0.062
+0.065
+0.068
+0.075
1N5241B
1N5242B
1N5243B
1N5244B
1N5245B
1N5241B
1N5242B
1N5243B
1N5244B
1N5245B
10.45
11.40
12.35
13.30
14.25
11
12
13
14
15
11.55
12.60
13.65
14.70
15.75
20
20
9.5
9
8.5
22
30
13
15
16
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
2
1
0.5
0.1
0.1
8.4
9.1
9.9
10
11
+0.076
+0.077
+0.079
+0.082
+0.082
1N5246B
1N5247B
1N5248B
1N5249B
1N5250B
1N5246B
1N5247B
1N5248B
1N5249B
1N5250B
15.20
16.15
17.10
18.05
19.00
16
17
18
19
20
16.80
17.85
18.90
19.95
21.00
7.8
7.4
7
6.6
6.2
17
19
21
23
25
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
12
13
14
14
15
+0.083
+0.084
+0.085
+0.086
+0.086
1N5251B
1N5253B
1N5254B
1N5255B
1N5256B
1N5251B
1N5253B
1N5254B
1N5255B
1N5256B
20.90
23.75
25.65
26.60
28.50
22
25
27
28
30
23.10
26.25
28.35
29.40
31.50
5.6
5
4.6
4.5
4.2
29
35
41
44
49
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
17
19
21
21
23
+0.087
+0.089
+0.090
+0.091
+0.091
1N5257B
1N5258B
1N5259B
1N5260B
1N5257B
1N5258B
1N5259B
1N5260B
31.35
34.20
37.05
40.85
33
36
39
43
34.65
37.80
40.95
45.15
3.8
3.4
3.2
3.0
58
70
80
93
700
700
800
800
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
25
27
30
33
+0.092
+0.093
+0.094
+0.095
VF =1.1V Max @IF = 200mA for 30V below types, VF = 2.0V Max @IF = 200mA for 30~56V types, VF = 3.0V Max @IF = 200mA for 60V
above types


Número de pieza similar - 1N5229B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
1N5229B TGS-1N5229B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5229B VISHAY-1N5229B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5229B ZSELEC-1N5229B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Weitron Technology
1N5229B WEITRON-1N5229B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
1N5229B YEASHIN-1N5229B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Descripción similar - 1N5229B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com