Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMSZ2V4BW Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No. de pieza MMSZ2V4BW
Descripción Electrónicos  500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Página de inicio  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

MMSZ2V4BW Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  MMSZ2V4BW Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ2V4BW Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ2V4BW Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ2V4BW Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ2V4BW Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Number: DB-086
May 2009, Revision D
Page 1
TAK CHEONG
®
SEMICONDUCTOR
500mW SOD-123 SURFACE MOUNT
Flat Lead Surface Mount Plastic Package
Zener Voltage Regulators
Green Product
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
500
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TOPR
Operating Temperature Range
-65 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 2.4V to 75V
VZ Tolerance Selection of ±2% (B Series)
Flat Lead SOD-123 Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
MMSZ2V4BW
2V4B
2.35
2.4
2.45
5
100
1
564
45
1
MMSZ2V7BW
2V7B
2.65
2.7
2.75
5
100
1
564
18
1
MMSZ3V0BW
3V0B
2.94
3.0
3.06
5
100
1
564
9
1
MMSZ3V3BW
3V3B
3.23
3.3
3.37
5
95
1
564
4.5
1
MMSZ3V6BW
3V6B
3.53
3.6
3.67
5
90
1
564
4.5
1
MMSZ3V9BW
3V9B
3.82
3.9
3.98
5
90
1
564
2.7
1
MMSZ4V3BW
4V3B
4.21
4.3
4.39
5
90
1
564
2.7
1
MMSZ4V7BW
4V7B
4.61
4.7
4.79
5
80
1
470
2.7
2
MMSZ5V1BW
5V1B
5.00
5.1
5.20
5
60
1
451
1.8
2
MMSZ5V6BW
5V6B
5.49
5.6
5.71
5
40
1
376
0.9
2
MMSZ6V2BW
6V2B
6.08
6.2
6.32
5
10
1
141
2.7
4
MMSZ6V8BW
6V8B
6.66
6.8
6.94
5
15
1
75
1.8
4
MMSZ7V5BW
7V5B
7.35
7.5
7.65
5
15
1
75
0.9
5
MMSZ8V2BW
8V2B
8.04
8.2
8.36
5
15
1
75
0.63
5
MMSZ9V1BW
9V1B
8.92
9.1
9.28
5
15
1
94
0.45
6
MMSZ10VBW
10VB
9.80
10
10.20
5
20
1
141
0.18
7
MMSZ11VBW
11VB
10.78
11
11.22
5
20
1
141
0.09
8
MMSZ12VBW
12VB
11.76
12
12.24
5
25
1
141
0.09
8
MMSZ13VBW
13VB
12.74
13
13.26
5
30
1
160
0.09
8
MMSZ15VBW
15VB
14.70
15
15.30
5
30
1
188
0.045
10.5
MMSZ16VBW
16VB
15.68
16
16.32
5
40
1
188
0.045
11.2
MMSZ18VBW
18VB
17.64
18
18.36
5
45
1
212
0.045
12.6
ELECTRICAL SYMBOL
Cathode
Anode
SOD-123 Flat Lead


Número de pieza similar - MMSZ2V4BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tak Cheong Electronics ...
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
logo
Guangdong Kexin Industr...
MMSZ2V4BW KEXIN-MMSZ2V4BW Datasheet
1Mb / 3P
   Zener Diodes
logo
Shanghai Shunye Electro...
MMSZ2V4BW SHUNYE-MMSZ2V4BW Datasheet
336Kb / 3P
   Surface mount zener diode
logo
Guangdong Juxing Electr...
MMSZ2V4BW JUXING-MMSZ2V4BW Datasheet
517Kb / 3P
   500mW SOD-123 SURFACE MOUNT
More results

Descripción similar - MMSZ2V4BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tak Cheong Electronics ...
MMSZ5221CW TAK_CHEONG-MMSZ5221CW Datasheet
233Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5221BW TAK_CHEONG-MMSZ5221BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW Datasheet
217Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
logo
Shanghai Leiditech Elec...
MMSZ15VCWG LEIDITECH-MMSZ15VCWG Datasheet
531Kb / 4P
   500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V0CWG LEIDITECH-MMSZ2V0CWG Datasheet
531Kb / 4P
   500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
   Zener Diode 500mW SOD-123 Surface Mount
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
MMSZ2V4 YEASHIN-MMSZ2V4 Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com