Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1N4448M Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No. de pieza TC1N4448M
Descripción Electrónicos  300 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Página de inicio  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N4448M Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N4448M Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4448M Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4448M Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4448M Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Number: DB-050
Jan 2010 / F
Page 2
SE M IC OND UC TOR
TAK CHEONG
®
Typical Characteristics
0
100
200
300
400
500
0
25
50
75
100
125
150
175
Tem perature [
℃ ]
f = 1MHz
Ta = 25
0.0
0.5
1.0
1.5
0
5
10
15
20
25
30
VR - Reverse Voltage [V]
Ta=25
110
120
130
140
150
160
1
10
100
IR - Reverse Current [uA]
Ta=25℃
0
10
20
30
40
50
60
10
100
VR - Reverse Voltage [V]
Ta=25
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
0.001
0.100
10.000
1000.000
IF - Forw ard Current [mA]
0
200
400
600
800
1000
0.01
0.1
1
10
100
IF - Forw ard Current (m A)
Ta=125℃
Ta=65
Ta=25
Ta= -40℃
Figure 3. Reverse Voltage vs Reverse Current
BV – 1.0uA to 100uA
Figure 4. Reverse Current vs Reverse Voltage
IR – 10V to 100V
Figure 5. Forward Voltage vs Forward Current
VF – 0.001mA to 800mA
Figure 6. Forward Voltage vs Ambient Temperature
VF – 0.01mA to 100mA (-40 to +125 Deg C)
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at
ambient temperature
Figure 2. Total Capacitance


Número de pieza similar - TC1N4448M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tak Cheong Electronics ...
TC1N4448M TAK_CHEONG-TC1N4448M Datasheet
125Kb / 4P
   300 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
More results

Descripción similar - TC1N4448M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tak Cheong Electronics ...
TC1N4148M TAK_CHEONG-TC1N4148M Datasheet
125Kb / 4P
   300 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
TC1SS133M TAK_CHEONG-TC1SS133M Datasheet
67Kb / 2P
   300 mW DO-34 Hermetically Sealed Glass Switching Diodes
logo
Yea Shin Technology Co....
1N4448 YEASHIN-1N4448 Datasheet
309Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
1N4148 YEASHIN-1N4148 Datasheet
1Mb / 4P
   500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
1N4148M YEASHIN-1N4148M Datasheet
545Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TC1SS244M TAK_CHEONG-TC1SS244M_08 Datasheet
136Kb / 4P
   300 mW DO-34 Hermetically Sealed Glass - High Voltage Switching Diodes
TC1SS244M TAK_CHEONG-TC1SS244M Datasheet
67Kb / 2P
   300 mW DO-34 Hermetically Sealed Glass - High Voltage Switching Diodes
TC1N4148 TAK_CHEONG-TC1N4148 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
TCBAW76 TAK_CHEONG-TCBAW76 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
Shanghai Leiditech Elec...
1N4148 LEIDITECH-1N4148 Datasheet
2Mb / 3P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com