Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1N4738A Datasheet(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
TC1N4738A Datasheet(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
3 / 5 page Number: DB-031 July 2010/ G Page 3 TAK CHEONG ® S EM IC OND UC TOR Typical Characteristics Ta = 25℃ 0.1 1 10 100 1000 0 0.2 0.4 0.6 0.8 1 1.2 VF - Forw ard Voltage [V] Ta = 25 ℃ 0.1 1 10 100 1000 0 3 6 9 12 15 VZ - Reverse Voltage [V] Ta = 25℃ 0.01 0.1 1 10 100 10 20 30 40 50 60 70 VZ - Reverse Voltage [V] Ta = 25℃ 0.1 1 10 100 1000 0 10 20 30 40 50 60 VZ - Reverse Voltage [V] Iz=10mA Iz=5mA Iz=2mA Iz=1mA f = 1MHz Ta = 25 ℃ 1 10 100 1000 0 5 10 15 20 25 30 35 40 45 50 55 60 VZ - Reverse Voltage [V] VR = 0V VR = 2V VR = 5V VR = 20V VR = 30V 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 20 40 60 80 100 120 140 160 180 200 Temperature [℃] Figure 1. Power Dissipation vs Ambient Temperature Valid provided leads at a distance of 0.8mm from case are kept at ambient temperature Figure 2. Total Capacitance Figure 5. Reverse Current vs. Reverse Voltage Figure 6. Reverse Current vs. Reverse Voltage Figure 3. Differential Impedance vs. Zener Voltage Figure 4. Forward Current vs. Forward Voltage |
Número de pieza similar - TC1N4738A |
|
Descripción similar - TC1N4738A |