Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2560 Datasheet(PDF) 7 Page - Shindengen Electric Mfg.Co.Ltd

No. de pieza 2SK2560
Descripción Electrónicos  VZ Series Power MOSFET(200V 20A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Página de inicio  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK2560 Datasheet(HTML) 7 Page - Shindengen Electric Mfg.Co.Ltd

Back Button 2SK2560 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK2560 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK2560 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK2560 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK2560 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK2560 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK2560 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK2560 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd 2SK2560 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image


Número de pieza similar - 2SK2560

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK2560 ISC-2SK2560 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK2560

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shindengen Electric Mfg...
2SK2559 SHINDENGEN-2SK2559 Datasheet
408Kb / 10P
   VZ Series Power MOSFET(200V 10A)
2SK2491 SHINDENGEN-2SK2491 Datasheet
405Kb / 10P
   VZ Series Power MOSFET(180V 20A)
2SK2492 SHINDENGEN-2SK2492 Datasheet
407Kb / 10P
   VZ Series Power MOSFET(180V 20A)
logo
Rohm
RCJ200N20 ROHM-RCJ200N20 Datasheet
793Kb / 14P
   Nch 200V 20A Power MOSFET
RCX200N20 ROHM-RCX200N20 Datasheet
707Kb / 14P
   Nch 200V 20A Power MOSFET
logo
Shindengen Electric Mfg...
2SK2490 SHINDENGEN-2SK2490 Datasheet
408Kb / 10P
   VZ Series Power MOSFET(180V 10A)
2SK2489 SHINDENGEN-2SK2489 Datasheet
405Kb / 10P
   VZ Series Power MOSFET(180V 10A)
logo
Intersil Corporation
IRFP240 INTERSIL-IRFP240 Datasheet
56Kb / 7P
   20A, 200V, 0.180 Ohm, N-Channel Power MOSFET
logo
Mospec Semiconductor
U20C05 MOSPEC-U20C05 Datasheet
138Kb / 2P
   POWER RECTIFIERS(20A,50-200V)
U20D05 MOSPEC-U20D05 Datasheet
141Kb / 2P
   POWER RECTIFIERS(20A,50-200V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com