Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1522-CQRE3 Datasheet(PDF) 8 Page - Gennum Corporation

No. de pieza GS1522-CQRE3
Descripción Electrónicos  HDTV Serial Digital Serializer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1522-CQRE3 Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS1522-CQRE3 Datasheet HTML 4Page - Gennum Corporation GS1522-CQRE3 Datasheet HTML 5Page - Gennum Corporation GS1522-CQRE3 Datasheet HTML 6Page - Gennum Corporation GS1522-CQRE3 Datasheet HTML 7Page - Gennum Corporation GS1522-CQRE3 Datasheet HTML 8Page - Gennum Corporation GS1522-CQRE3 Datasheet HTML 9Page - Gennum Corporation GS1522-CQRE3 Datasheet HTML 10Page - Gennum Corporation GS1522-CQRE3 Datasheet HTML 11Page - Gennum Corporation GS1522-CQRE3 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
GENNUM CORPORATION
522 - 26 - 03
8 of 20
Fig. 7 PLL_LOCK Output Circuit
Fig. 8 IJI Output Circuit
Fig. 9 SDO/SDO Output Circuit
Fig. 10 Data Input and SYNC_DETECT_DISABLE Circuit
Fig. 11 PCLK_IN Circuit
Fig. 12 RESET Circuit
PD_VEE
PD_VCC
All on-chip resistors have ±20% tolerance at room temperature.
10k
PLL_LOCK
PD_VCC
IJI
10k
5k
VCC
30k
A
PD_VEE
RSET
SDO
SDO
+
-
CD_VEE
VCC3
2k
VEE3
BIAS
10k
D0 - D19,
SYNC_DETECT_DISABLE
VCC
1k
VEE
BIAS
5k
PCLK_IN
VCC
20k
VEE
BIAS
10k
RESET


Número de pieza similar - GS1522-CQRE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1522-CQR GENNUM-GS1522-CQR Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
More results

Descripción similar - GS1522-CQRE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com