Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1545-CQR Datasheet(PDF) 11 Page - Gennum Corporation

No. de pieza GS1545-CQR
Descripción Electrónicos  HDTV Serial Digital Equalizing Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1545-CQR Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS1545-CQR Datasheet HTML 7Page - Gennum Corporation GS1545-CQR Datasheet HTML 8Page - Gennum Corporation GS1545-CQR Datasheet HTML 9Page - Gennum Corporation GS1545-CQR Datasheet HTML 10Page - Gennum Corporation GS1545-CQR Datasheet HTML 11Page - Gennum Corporation GS1545-CQR Datasheet HTML 12Page - Gennum Corporation GS1545-CQR Datasheet HTML 13Page - Gennum Corporation GS1545-CQR Datasheet HTML 14Page - Gennum Corporation GS1545-CQR Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
GENNUM CORPORATION
522 - 28 - 05
11 of 19
Fig. 7 LFS Input Circuit
Fig. 8 PLL_LOCK Output Circuit
Fig. 9 IJI Output Circuit
Fig. 10 A/D Input Circuit
Fig. 11 BYPASS Circuit
Fig. 12 LBCONT Circuit
Fig. 13 D[19:0] Output Circuit
Fig. 14 PCLK Output Circuit
LFA_VEE
LFA_VCC
100µA
100µA
100µA
100µA
10k
5k
LFS
PD_VEE
PD_VCC
10k
PLL_LOCK
PD_VCC
IJI
10k
5k
VCC
30k
A
PD_VEE
PD_VEE
20k
16k
100µA
PD_VCC
A/D
+
-
2.4V
PD_VEE
PD_VCC
16k
100µA
BYPASS
V = 2.4V
+
-
LFA_VEE
LFA_VCC
20k
LBCONT
5k
SP_VEE
SP_VCC
27k
100
0.1uF
D[19:0]
PCLK_VEE
PCLK_VCC
27k
100
PCLK


Número de pieza similar - GS1545-CQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1545-CQR GENNUM-GS1545-CQR Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
More results

Descripción similar - GS1545-CQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com