Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1560A Datasheet(PDF) 11 Page - Gennum Corporation

No. de pieza GS1560A
Descripción Electrónicos  HD-LINX II Dual-Rate Deserializer
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1560A Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS1560A Datasheet HTML 7Page - Gennum Corporation GS1560A Datasheet HTML 8Page - Gennum Corporation GS1560A Datasheet HTML 9Page - Gennum Corporation GS1560A Datasheet HTML 10Page - Gennum Corporation GS1560A Datasheet HTML 11Page - Gennum Corporation GS1560A Datasheet HTML 12Page - Gennum Corporation GS1560A Datasheet HTML 13Page - Gennum Corporation GS1560A Datasheet HTML 14Page - Gennum Corporation GS1560A Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
GS1560A/GS1561 HD-LINX® II Dual-Rate Deserializer
Data Sheet
27360 - 12
June 2009
11 of 79
21
SDO_EN/DIS
Non
Synchronous
Input
GS1560A
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable the serial digital output loop-through stage.
When set LOW, the serial digital output signals SDO and SDO are
disabled and become high impedance.
When set HIGH, the serial digital output signals SDO and SDO are
enabled.
NC
––
GS1561
No Connect.
22
CD_GND
Power
GS1560A
Ground connection for the serial digital cable driver. Connect to
analog GND.
NC
––
GS1561
No Connect.
23, 24
SDO, SDO
Analog
Output
GS1560A
Serial digital loop-through output signal operating at 1.485Gb/s,
1.485/1.001Gb/s, or 270Mb/s.
The slew rate of these outputs is automatically controlled to meet
SMPTE 292M and 259M specifications according to the setting of the
SD/HD pin.
NC
––
GS1561
No Connect.
25
RESET_TRST
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to reset the internal operating conditions to default settings and
to reset the JTAG test sequence.
Host Mode (JTAG/HOST = LOW)
When asserted LOW, all functional blocks will be set to default
conditions and all input and output signals become high impedance,
including the serial digital outputs SDO and SDO.
Must be set HIGH for normal device operation.
NOTE: When in slave mode, reset the device after the SD/HD input has
been initially configured, and after each subsequent SD/HD data rate
change.
JTAG Test Mode (JTAG/HOST = HIGH)
When asserted LOW, all functional blocks will be set to default and
the JTAG test sequence will be held in reset.
When set HIGH, normal operation of the JTAG test sequence resumes.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Número de pieza similar - GS1560A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   Dual-Rate Deserializer
GS1560ACF GENNUM-GS1560ACF Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1560ACF GENNUM-GS1560ACF Datasheet
1Mb / 80P
   Dual-Rate Deserializer
GS1560ACFE3 GENNUM-GS1560ACFE3 Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
More results

Descripción similar - GS1560A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com