Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40400_1110 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS40400_1110
Descripción Electrónicos  3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40400_1110 Datasheet(HTML) 2 Page - Texas Instruments

  TPS40400_1110 Datasheet HTML 1Page - Texas Instruments TPS40400_1110 Datasheet HTML 2Page - Texas Instruments TPS40400_1110 Datasheet HTML 3Page - Texas Instruments TPS40400_1110 Datasheet HTML 4Page - Texas Instruments TPS40400_1110 Datasheet HTML 5Page - Texas Instruments TPS40400_1110 Datasheet HTML 6Page - Texas Instruments TPS40400_1110 Datasheet HTML 7Page - Texas Instruments TPS40400_1110 Datasheet HTML 8Page - Texas Instruments TPS40400_1110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
TPS40400
SLUS930B
– APRIL 2011 – REVISED OCTOBER 2011
www.ti.com
DESCRIPTION (CONTINUED)
An adaptive anti-cross conduction scheme is used to prevent shoot through current in the power FETs. Gate
drive voltage is 6 V to better enhance the power FETs for reduced losses. Short circuit detection is done by
sensing the voltage drop across the inductor or across a resistor placed in series with the inductor. A PMBus
programmable threshold is compared to this voltage and is used to detect overcurrent. When the overcurrent
threshold is reached, a pulse by pulse current limit scheme is used to limit current to acceptable levels. If the
overcurrent condition persists for more than 7 clock cycles of the converter, a fault condition is declared and the
converter shuts down and goes into either a hiccup restart mode or latches off. The behavior is selectable though
the PMBus interface. Other PMBus interface features include programmable operating frequency, soft-start time,
overvoltage and undervoltage thresholds and the response to those events, output voltage change including
margining as well as status monitoring.
ORDERING INFORMATION(1)(2)
PACKAGE
PINS
TAPE AND REEL QTY.
ORDERABLE NUMBER
250
TPS40400RHLT
Plastic QFN (RHL)
24
3000
TPS40400RHLR
(1)
For the most current package and ordering information see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
VALUE
MIN
MAX
UNIT
VDD
–0.3
22
SW
–5
27
BOOT
–0.3
30
BOOT-SW, HDRV-SW (Differential from BOOT or HDRV to SW)
–0.3
7
Input voltage range
V
VSNS+, TRACK, SYNC, FB
–0.3
7
DATA, CLK, CNTL
–0.3
3.6
ISNS+, ISNS
–0.3
15
VSNS
–0.3
0.3
HDRV
–0.3
30
BP3
–0.3
3.8
Output voltage range
V
BP6, COMP, PGOOD, DIFFO, LDRV
–0.3
7
SMBALRT, ADDR0
–0.3
3.6
TJ
Operating junction temperature range
–40
150
°C
TSTG
Storage temperature range
–55
150
°C
PACKAGE DISSIPATION RATINGS
(1)
THERMAL IMPEDANCE
TA = 25°C
TA = 85°C
PACKAGE
JUNCTION-TO-AMBIENT
AIRFLOW
POWER RATING
POWER RATING
(
°C/W)
(W)
(W)
31.1
Natural Convection
3.21
1.29
24-Pin Plastic
25.2
200 LFM
3.96
1.58
QFN (RHL)
23
400 LFM
4.36
1.74
(1)
Ratings based on JEDEC High Thermal Conductivity (High K) Board. For more information on the test method, see TI Technical Brief
SZZA017.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input operating voltage
3.0
20
V
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS40400


Número de pieza similar - TPS40400_1110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
More results

Descripción similar - TPS40400_1110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com