Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS4910B Datasheet(PDF) 50 Page - Gennum Corporation

No. de pieza GS4910B
Descripción Electrónicos  HD/SD/Graphics Clock and Timing Generator with GENLOCK
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4910B Datasheet(HTML) 50 Page - Gennum Corporation

Back Button GS4910B Datasheet HTML 46Page - Gennum Corporation GS4910B Datasheet HTML 47Page - Gennum Corporation GS4910B Datasheet HTML 48Page - Gennum Corporation GS4910B Datasheet HTML 49Page - Gennum Corporation GS4910B Datasheet HTML 50Page - Gennum Corporation GS4910B Datasheet HTML 51Page - Gennum Corporation GS4910B Datasheet HTML 52Page - Gennum Corporation GS4910B Datasheet HTML 53Page - Gennum Corporation GS4910B Datasheet HTML 54Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 119 page
background image
GS4911B/GS4910B HD/SD/Graphics Clock and Timing
Generator with GENLOCK
Data Sheet
36655 - 5
June 2009
50 of 119
3.6 Genlock
When both the REF_LOST output and the GENLOCK input are LOW, the device will
attempt to genlock the output clock and timing signals to the input reference.
NOTE: The user must apply a reference to the input of the device prior to setting
GENLOCK = LOW. If the GENLOCK pin is set LOW and no reference signal is present, the
generated clock and timing outputs of the device may correspond to the internal default
settings of the chip until a reference is applied.
The device will first attempt to automatically genlock the output to the input reference.
This automatic locking process is described in Section 3.6.1 on page 50. If the output
format selected is such that it is not commonly genlocked to the input reference, the
GS4911B/GS4910B will not automatically lock. In this case, the user may program
designated registers to manually allow locking to occur. The manual locking process is
described in Section 3.6.2 on page 54.
The user may disable one or more of the recognized input standards from being used to
genlock the output by setting the Reference_Standard_Disable register located at
address 11h - 14h of the host interface. If a reference is applied that is disabled in the
Reference_Standard_Disable register, both the automatic and manual locking process
will fail when the application layer sets GENLOCK = LOW.
NOTE: If the device is already genlocked to an input reference and the applied standard
is subsequently disabled in the Reference_Standard_Disable register, the device will
remain locked.
3.6.1 Automatic Locking Process
The behaviour of the device when attempting to automatically genlock will depend on
the status and format of the input reference with respect to the selected output format.
VID_STD[5:0] = 1 to 51:
Once reference validity is established and the reference format is recognized, the device
uses an internal cross-reference genlock look-up table to determine whether the input
can be used to genlock the output. A simplified version of this look-up table is shown in
Table 3-4. The table represents a matrix with the VID_STD[5:0] number representation
of each possible reference format along the top axis, and the VID_STD[5:0]
representation of each possible output timing format along the vertical axis. A shaded
box indicates that the output format can be automatically genlocked to the input
reference.
If the device determines that the output can be automatically genlocked to the input
reference, it will lock the output format to the reference, adjust the output timing signals
based on the genlock timing offset registers (Section 3.2.1.1 on page 38), and then set the
LOCK_LOST pin LOW.


Número de pieza similar - GS4910B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS4910B GENNUM-GS4910B Datasheet
1Mb / 113P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
GS4910BCNE3 GENNUM-GS4910BCNE3 Datasheet
1Mb / 113P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
More results

Descripción similar - GS4910B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS4911B SEMTECH-GS4911B Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4911B GENNUM-GS4911B Datasheet
1Mb / 113P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
GS4901B GENNUM-GS4901B Datasheet
1Mb / 95P
   SD Clock and Timing Generator with GENLOCK
logo
Semtech Corporation
GS4900B SEMTECH-GS4900B Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4901B GENNUM-GS4901B_09 Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
   DUAL GRAPHICS CLOCK GENERATOR
logo
Cypress Semiconductor
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
   MediaClock Graphics Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com