Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDBHM180L-HF Datasheet(PDF) 1 Page - Comchip Technology

No. de pieza CDBHM180L-HF
Descripción Electrónicos  Low VF SMD Schottky Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHM180L-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBHM180L-HF Datasheet HTML 1Page - Comchip Technology CDBHM180L-HF Datasheet HTML 2Page - Comchip Technology CDBHM180L-HF Datasheet HTML 3Page - Comchip Technology CDBHM180L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low VF SMD Schottky Bridge Rectifiers
Reverse Voltage: 20 to 100 Volts
Forward Current: 1.0 Amp
RoHS Device
Page 1
REV: A
CDBHM120L-HF Thru. CDBHM1100L-HF
Maximum Ratings and Electrical Characteristics
QW-JL005
SMD Diodes Specialist
Comchip Technology CO., LTD.
MBS
Dimensions in inches and (millimeters)
0.157(4.00)
0.106(2.70)
0.102(2.60)
0.033(0.84)
0.142(3.60)
0.090(2.30)
0.087(2.20)
0.022(0.56)
Typical junction capacitance(Note 2)
Units
20
14
40
28
40
60
42
60
80
56
80
100
70
100
V
V
A
A
V
°C/W
°C
Symbol
VDC
VRMS
Typical thermal resistance(Note 3)
Maximum. DC blocking voltage
Maximum. RMS voltage
VRRM
VF
20
V
Maximum.
@ 0.5A
Instantaneous forward voltage
IAV
IFSM
IR
RθJA
RθJL
CJ
250
20
85
mA
pF
0.5
20
40
1.0
Maximum. Repetitive peak reverse voltage
Parameter
CDBHM
120L-HF
CDBHM
140L-HF
CDBHM
160L-HF
CDBHM
180L-HF
CDBHM
1100L-HF
-55 to +150
TSTG
°C
Sorage temperature range
Operating temperature range
TJ
-55 to +125
Features
Mechanical data
-Case: molded plastic
-Polarity: As marked
-Lead: solder plated
-Ideal for printed cirvuit board
-Re liable low cost construction technique results in
inexpensive product
-Pb free product
-High current capability,Low VF
-High temperature soldering guaranteed:
260°C / 10 seconds
0.276(7.00)
MAX
0.140(0.35)
0.006(0.15)
0.043(1.10)
0.028(0.70)
0.053(1.53)
0.037(0.95)
0.008(0.20)
MAX
0.083(2.12)
0.043(1.10)
0.193(4.90)
0.177(4.50)
0.65
0.55
0.85
Maximum. DC reverse current @TA=25°C
rated DC blocking voltage per leg @TA=100°C
Peak Forward surge current,8.3ms single half
sine-wave superimposed on Rated Load
(JEDEC method)
125
Notes: 1.Pulse test: 300µS pulse width, 1% duty cycle.
2.Measured at 1.0MHZ and applied reverse voltage of 4.0 Voltage.
3.Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2x0.2” (5.0x5.0mm)
copper pad areas.
0.053(1.53)
0.037(0.95)
0.118(3.0)
MAX
Rating at 25°C ambient temperature unless otherwise specified.
For capacitive load, derate current by 20%
Single phase, half wave, 60Hz resistive or inductive load.
Average Forward rectified current
0.2*0.2” (5.0*5.0mm)copper pad area ,(see figure 2)
-55 to +150
+
-
Halogen Free
COMCHIP


Número de pieza similar - CDBHM180L-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBHM180L-HF COMCHIP-CDBHM180L-HF Datasheet
87Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
More results

Descripción similar - CDBHM180L-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBHM220L-HF COMCHIP-CDBHM220L-HF Datasheet
104Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHD220-G COMCHIP-CDBHD220-G Datasheet
112Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-G COMCHIP-CDBHM120L-G Datasheet
111Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF_12 Datasheet
87Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-G COMCHIP-CDBHM220L-G Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF_12 Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
   Low VF SMD Bridge Rectifiers
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
   Low VF SMD Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G_12 Datasheet
159Kb / 4P
   Low VF Schottky Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G Datasheet
275Kb / 2P
   Low VF Schottky Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com