Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBH001D37 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

No. de pieza SMBH001D37
Descripción Electrónicos  COAXIAL CONNECTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JAE [Japan Aviation Electronics Industry, Ltd.]
Página de inicio  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SMBH001D37 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  SMBH001D37 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SMBH001D37 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SMBH001D37 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SMBH001D37 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SMBH001D37 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. SMBH001D37 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. SMBH001D37 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. SMBH001D37 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. SMBH001D37 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
19
COAXIAL CONNECTORS
SMB Series
■ FREQUENCY RANGE TO 3GHz
■ PUSH-ON COUPLING
SMB
Series
SMB series coaxial connectors are small size, push-on coupling type,
basis of the general purpose standards
(IEC60169-10).
For panel to cable or board to cable application, achieving high
frequency signal transmission and high density packaging inside
equipment. Applicable frequencies : from DC up to 3GHz.
High performance with a VSWR
(voltage standing wave ratio)of 1.2
or less
(Straight plug).
●Lightweight, compact in size and rugged construction.
●A high degree of reliability provides stable electric continuity and
high frequency performance.
●Reliable and stable interconnection.
●Applications : Automobile Telephone, Communications Equipment,
Measuring Instruments
In addition to independent cable application type, we also harness
products which satisfy your specification are available. Refer to
pages 109 to 111 for details.
■Guide to Operation Manuals
When using any of these products, please confirm the following
operation manuals.
・For 1.5D-V and 1.5D-W cables : JAHL-2237-1
・For 0.085 inch
Semi-flexible cables
: JAHL-2237-2
■SPECIFICATIONS
Characteristic Impedance
50Ω
DC to 3GHz
AC500Vr.m.s.(1minute)
500 megohms min.(DC250V)
SMBS001D00 : 500 megohms min.(DC500V)
Center Contacts : 5 milliohms max.
SMBS001D00 : 8 milliohms max.
Outer Contacts : 2.5 milliohms max.
SMBS001D00 : 12 milliohms max.
1.2 max.(DC to 3GHz)
1.5D-V, 1.5D-W, UT85
Frequency Range
D. W. Voltage
Insulation Resistance
Contact Resistance
V. S. W. R.
Applicable Cables
■MATERIALS/FINISHES
Description
Materials/Finishes
Copper Alloy/Gold Plated over Nickel
PTFE or SPS
Copper Alloy/Nickel Plated
SMBH003DB2, SMBK003DB2,
SMBA003DB2 :
Copper Alloy/Gold Plated over Nickel
SMBS001D00 :
Zinc Alloy/Nickel Plated over Copper
Contacts
Insulator
Shell
Ferrule
Copper Alloy/Nickel Plated
Hexagon Nut
Copper Alloy/Nickel Plated
C-ring
Copper Alloy/Nickel Plated
Sleeve
Copper Alloy/Nickel Plated


Número de pieza similar - SMBH001D37

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ningbo songle relay co....
SMBH SONGLERELAY-SMBH Datasheet
4Mb / 2P
   Low coil power consumption with high senstive
SMBH-12VDC-FL-2A SONGLERELAY-SMBH-12VDC-FL-2A Datasheet
4Mb / 2P
   Low coil power consumption with high senstive
SMBH-12VDC-FL-2C SONGLERELAY-SMBH-12VDC-FL-2C Datasheet
4Mb / 2P
   Low coil power consumption with high senstive
SMBH-24VDC-FL-2A SONGLERELAY-SMBH-24VDC-FL-2A Datasheet
4Mb / 2P
   Low coil power consumption with high senstive
SMBH-24VDC-FL-2C SONGLERELAY-SMBH-24VDC-FL-2C Datasheet
4Mb / 2P
   Low coil power consumption with high senstive
More results

Descripción similar - SMBH001D37

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
   TNC COAXIAL CONNECTORS
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD DDK-PSD Datasheet
616Kb / 3P
   Small Coaxial Connectors?
logo
Murata Manufacturing Co...
MURES48710-1 MURATA-MURES48710-1 Datasheet
106Kb / 3P
   Microwave Coaxial Connectors
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
logo
Murata Manufacturing Co...
MXHQ87WJ3000 MURATA1-MXHQ87WJ3000 Datasheet
1Mb / 38P
   Microwave Coaxial Connectors
Nov.1,2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com