Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX02DT Datasheet(PDF) 4 Page - Motorola, Inc

No. de pieza MC74LCX02DT
Descripción Electrónicos  LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX02DT Datasheet(HTML) 4 Page - Motorola, Inc

  MC74LCX02DT Datasheet HTML 1Page - Motorola, Inc MC74LCX02DT Datasheet HTML 2Page - Motorola, Inc MC74LCX02DT Datasheet HTML 3Page - Motorola, Inc MC74LCX02DT Datasheet HTML 4Page - Motorola, Inc MC74LCX02DT Datasheet HTML 5Page - Motorola, Inc MC74LCX02DT Datasheet HTML 6Page - Motorola, Inc MC74LCX02DT Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74LCX02
MOTOROLA
LCX DATA
BR1339 — REV 3
4
PROPAGATION DELAYS
tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
2.7V
0V
VOH
VOL
An, Bn
On
tPLH
tPHL
1.5V
1.5V
1.5V
1.5V
Figure 1. AC Waveforms
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
CL = 50pF or equivalent (Includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Figure 2. Test Circuit


Número de pieza similar - MC74LCX02DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX02DT ONSEMI-MC74LCX02DT Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
1996 REV 1
MC74LCX02DT ONSEMI-MC74LCX02DT Datasheet
81Kb / 8P
   Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LCX02DTG ONSEMI-MC74LCX02DTG Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
MC74LCX02DTR2 ONSEMI-MC74LCX02DTR2 Datasheet
81Kb / 8P
   Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LCX02DTR2G ONSEMI-MC74LCX02DTR2G Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
More results

Descripción similar - MC74LCX02DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LVQ02 STMICROELECTRONICS-74LVQ02_04 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
1996 REV 1
logo
Motorola, Inc
MC74LVQ02 MOTOROLA-MC74LVQ02 Datasheet
185Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
   LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4001UB TI1-CD4001UB_15 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad 2-input NOR Gate
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input NOR Gate
74LVQ02 FAIRCHILD-74LVQ02_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com