Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM2250 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADUM2250
Descripción Electrónicos  Hot-Swappable, Dual I2C Isolators, 5 kV
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM2250 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM2250 Datasheet HTML 3Page - Analog Devices ADUM2250 Datasheet HTML 4Page - Analog Devices ADUM2250 Datasheet HTML 5Page - Analog Devices ADUM2250 Datasheet HTML 6Page - Analog Devices ADUM2250 Datasheet HTML 7Page - Analog Devices ADUM2250 Datasheet HTML 8Page - Analog Devices ADUM2250 Datasheet HTML 9Page - Analog Devices ADUM2250 Datasheet HTML 10Page - Analog Devices ADUM2250 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADuM2250/ADuM2251
Rev. A | Page 7 of 16
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
Note that the * marking on the package denotes DIN V VDE V 0884-10 approval for a 848 V peak working voltage. This isolator is
suitable for reinforced isolation only within the safety limit data. Maintenance of the safety data is ensured by protective circuits.
Table 6.
Description
Conditions
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 450 V rms
I to II
For Rated Mains Voltage ≤ 600 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree (DIN VDE 0110, Table 1)
2
Maximum Working Insulation Voltage
VIORM
846
V peak
Input-to-Output Test Voltage, Method b1
VIORM × 1.875 = VPR, 100% production test, tm = 1 sec,
partial discharge < 5 pC
VPR
1590
V peak
Input-to-Output Test Voltage, Method a
VPR
After Environmental Tests Subgroup 1
VIORM × 1.6 = VPR, tm = 60 sec, partial discharge < 5 pC
1375
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = VPR, tm = 60 sec, partial discharge < 5 pC
1018
V peak
Highest Allowable Overvoltage
Transient overvoltage, tTR = 10 seconds
VTR
6000
V peak
Safety-Limiting Values
Maximum value allowed in the event of a failure;
see Figure 4
Case Temperature
TS
150
°C
Supply Current
IDD1 + IDD2
IS
555
mA
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
600
500
400
300
200
100
0
0
50
100
150
200
AMBIENT TEMPEARTURE (°C)
Figure 4. Thermal Derating Curve, Dependence of Safety-Limiting Values on
Case Temperature, per DIN V VDE V 0884-10
RECOMMENDED OPERATING CONDITIONS
Table 7.
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
−40
+105
°C
Supply Voltages1
VDD1, VDD2
3.0
5.5
V
Input/Output Signal Voltage
VSDA1, VSCL1,
VSDA2, VSCL2
5.5
V
Capacitive Load, Side 1
CL1
40
pF
Capacitive Load, Side 2
CL2
400
pF
Static Output Loading, Side 1
ISDA1, ISCL1
0.5
3
mA
Static Output Loading, Side 2
ISDA2, ISCL2
0.5
30
mA
1 All voltages are relative to their respective ground.


Número de pieza similar - ADUM2250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM2250 AD-ADUM2250 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM2250ARIZ AD-ADUM2250ARIZ Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM2250ARIZ-RL AD-ADUM2250ARIZ-RL Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
More results

Descripción similar - ADUM2250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM2251 AD-ADUM2251_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM2250 AD-ADUM2250_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com