Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX08DT Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza MC74LCX08DT
Descripción Electrónicos  LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX08DT Datasheet(HTML) 3 Page - Motorola, Inc

  MC74LCX08DT Datasheet HTML 1Page - Motorola, Inc MC74LCX08DT Datasheet HTML 2Page - Motorola, Inc MC74LCX08DT Datasheet HTML 3Page - Motorola, Inc MC74LCX08DT Datasheet HTML 4Page - Motorola, Inc MC74LCX08DT Datasheet HTML 5Page - Motorola, Inc MC74LCX08DT Datasheet HTML 6Page - Motorola, Inc MC74LCX08DT Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74LCX08
LCX DATA
BR1339 — REV 3
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
II
Input Leakage Current
2.7V
≤ VCC ≤ 3.6V; 0V ≤ VI ≤ 5.5V
±5.0
µA
ICC
Quiescent Supply Current
2.7
≤ VCC ≤ 3.6V; VI = GND or VCC
10
µA
2.7
≤ VCC ≤ 3.6V; 3.6 ≤ VI ≤ 5.5V
±10
µA
∆ICC
Increase in ICC per Input
2.7
≤ VCC ≤ 3.6V; VIH = VCC – 0.6V
500
µA
AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500Ω)
Limits
TA = –40°C to +85°C
VCC = 3.0V to 3.6V
VCC = 2.7V
Symbol
Parameter
Waveform
Min
Max
Max
Unit
tPLH
tPHL
Propagation Delay
Input to Output
1
1.5
1.5
5.5
5.5
6.2
6.2
ns
tOSHL
tOSLH
Output–to–Output Skew
(Note 3.)
1.0
1.0
ns
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 4.)
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
VOLV
Dynamic LOW Valley Voltage (Note 4.)
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
4. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW or LOW–to–HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3V, VI = 0V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8
pF
CPD
Power Dissipation Capacitance
10MHz, VCC = 3.3V, VI = 0V or VCC
25
pF


Número de pieza similar - MC74LCX08DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX08DT ONSEMI-MC74LCX08DT Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
1996 REV 1
MC74LCX08DT ONSEMI-MC74LCX08DT Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX08DTG ONSEMI-MC74LCX08DTG Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX08DTG ONSEMI-MC74LCX08DTG Datasheet
86Kb / 7P
   Low-Voltage CMOS Quad 2-Input AND Gate
September, 2014 ??Rev. 10
MC74LCX08DTR2 ONSEMI-MC74LCX08DTR2 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
More results

Descripción similar - MC74LCX08DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
logo
ON Semiconductor
MC74LCX08 ONSEMI-MC74LCX08_14 Datasheet
86Kb / 7P
   Low-Voltage CMOS Quad 2-Input AND Gate
September, 2014 ??Rev. 10
MC74LCX08 ONSEMI-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
1996 REV 1
logo
STMicroelectronics
74LVC08A STMICROELECTRONICS-74LVC08A_04 Datasheet
256Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
74LVC08A STMICROELECTRONICS-74LVC08A Datasheet
61Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
MC74LCX86 ONSEMI-MC74LCX86_12 Datasheet
157Kb / 7P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2012 ??Rev. 8
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
74LVC86A ONSEMI-74LVC86A Datasheet
98Kb / 9P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
74LVC125A ONSEMI-74LVC125A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com