Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX125SD Datasheet(PDF) 5 Page - Motorola, Inc

No. de pieza MC74LCX125SD
Descripción Electrónicos  LOW-VOLTAGE CMOS QUAD BUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX125SD Datasheet(HTML) 5 Page - Motorola, Inc

  MC74LCX125SD Datasheet HTML 1Page - Motorola, Inc MC74LCX125SD Datasheet HTML 2Page - Motorola, Inc MC74LCX125SD Datasheet HTML 3Page - Motorola, Inc MC74LCX125SD Datasheet HTML 4Page - Motorola, Inc MC74LCX125SD Datasheet HTML 5Page - Motorola, Inc MC74LCX125SD Datasheet HTML 6Page - Motorola, Inc MC74LCX125SD Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74LCX125
LCX DATA
BR1339 — REV 3
5
MOTOROLA
OUTLINE DIMENSIONS
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751A–03
ISSUE F
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
8.55
3.80
1.35
0.35
0.40
0.19
0.10
0
°
5.80
0.25
8.75
4.00
1.75
0.49
1.25
0.25
0.25
7
°
6.20
0.50
0.337
0.150
0.054
0.014
0.016
0.008
0.004
0
°
0.228
0.010
0.344
0.157
0.068
0.019
0.049
0.009
0.009
7
°
0.244
0.019
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A
–B
P 7 PL
G
C
K
SEATING
PLANE
D 14 PL
M
J
R X 45
°
1
7
8
14
0.25 (0.010)
T
B
A
M
S
S
B
0.25 (0.010) M
M
F
M SUFFIX
PLASTIC SOIC EIAJ PACKAGE
CASE 965–01
ISSUE O
Z
D
HE
E
1
14
8
7
b
A1
A
e
L
DIM
MIN
MAX
MIN
MAX
INCHES
---
2.05
---
0.081
MILLIMETERS
0.05
0.20
0.002
0.008
0.35
0.50
0.014
0.020
0.18
0.27
0.007
0.011
9.90
10.50
0.390
0.413
5.10
5.45
0.201
0.215
1.27 BSC
0.050 BSC
7.40
8.20
0.291
0.323
0.50
0.85
0.020
0.033
1.10
1.50
0.043
0.059
0
0.70
0.90
0.028
0.035
---
1.42
---
0.056
A1
A
b
c
D
E
e
L
M
Z
HE
Q1
LE
_ 10_
0
_ 10_
LE
Q1
c
M _
VIEW P
DETAIL P
NOTES:
1 DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2 CONTROLLING DIMENSION: MILLIMETER.
3 DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH OR PROTRUSIONS AND ARE MEASURED
AT THE PARTING LINE. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
4 TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5 THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSIONS AND ADJACENT LEAD
TO BE 0.46 ( 0.018).
0.13 (0.005) M
0.10 (0.004)


Número de pieza similar - MC74LCX125SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX125 ONSEMI-MC74LCX125 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX125 ONSEMI-MC74LCX125 Datasheet
263Kb / 9P
   Low-Voltage CMOS Quad Buffer
October, 2012 ??Rev. 8
MC74LCX125D ONSEMI-MC74LCX125D Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX125DG ONSEMI-MC74LCX125DG Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX125DG ONSEMI-MC74LCX125DG Datasheet
137Kb / 7P
   Low-Voltage CMOS Quad Buffer
July, 2012 ??Rev. 7
More results

Descripción similar - MC74LCX125SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX125 ONSEMI-MC74LCX125_12 Datasheet
137Kb / 7P
   Low-Voltage CMOS Quad Buffer
July, 2012 ??Rev. 7
MC74LCX125 ONSEMI-MC74LCX125_V01 Datasheet
263Kb / 9P
   Low-Voltage CMOS Quad Buffer
October, 2012 ??Rev. 8
logo
Motorola, Inc
MC74LVQ125 MOTOROLA-MC74LVQ125 Datasheet
191Kb / 8P
   LOW-VOLTAGE CMOS QUAD BUFFER
logo
ON Semiconductor
74LVX125 ONSEMI-74LVX125 Datasheet
316Kb / 9P
   Low Voltage Quad Buffer
February 2008 Rev. 1.4.0
74LVTH125 ONSEMI-74LVTH125 Datasheet
227Kb / 9P
   Low Voltage Quad Buffer
January 2008 Rev. 1.4.0
logo
Motorola, Inc
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC07A ONSEMI-74LVC07A_15 Datasheet
105Kb / 7P
   Low-Voltage CMOS Hex Buffer
December, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com