Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX16240 Datasheet(PDF) 4 Page - Motorola, Inc

No. de pieza MC74LCX16240
Descripción Electrónicos  LOW-VOLTAGE CMOS 16-BIT BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX16240 Datasheet(HTML) 4 Page - Motorola, Inc

  MC74LCX16240 Datasheet HTML 1Page - Motorola, Inc MC74LCX16240 Datasheet HTML 2Page - Motorola, Inc MC74LCX16240 Datasheet HTML 3Page - Motorola, Inc MC74LCX16240 Datasheet HTML 4Page - Motorola, Inc MC74LCX16240 Datasheet HTML 5Page - Motorola, Inc MC74LCX16240 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74LCX16240
MOTOROLA
LCX DATA
BR1339 — REV 2
4
DC ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
II
Input Leakage Current
2.7V
≤ VCC ≤ 3.6V; 0V ≤ VI ≤ 5.5V
±5.0
µA
IOZ
3–State Output Current
2.7
≤ VCC ≤ 3.6V; 0V ≤ VO ≤ 5.5V;
VI = VIH or V IL
±5.0
µA
IOFF
Power–Off Leakage Current
VCC = 0V; VI or VO = 5.5V
10
µA
ICC
Quiescent Supply Current
2.7
≤ VCC ≤ 3.6V; VI = GND or VCC
20
µA
2.7
≤ VCC ≤ 3.6V; 3.6 ≤ VI or VO ≤ 5.5V
±20
µA
∆ICC
Increase in ICC per Input
2.7
≤ VCC ≤ 3.6V; VIH = VCC – 0.6V
500
µA
AC CHARACTERISTICS1 (tR = tF = 2.5ns; CL = 50pF; RL = 500Ω)
Limits
TA = –40°C to +85°C
VCC = 3.0V to 3.6V
VCC = 2.7V
Symbol
Parameter
Waveform
Min
Max
Max
Unit
tPLH
tPHL
Propagation Delay
Input to Output
1
1.5
1.5
4.5
4.5
5.3
5.3
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
2
1.5
1.5
5.4
5.4
6.0
6.0
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
1.5
1.5
5.3
5.3
5.4
5.4
ns
tOSHL
tOSLH
Output–to–Output Skew
(Note 2)
1.0
1.0
ns
1. These AC parameters are preliminary and may be modified prior to release.
2. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage1
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
VOLV
Dynamic LOW Valley Voltage1
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
1. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW or LOW–to–HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CPD
Power Dissipation Capacitance
10MHz, VCC = 3.3V, VI = 0V or VCC
20
pF
CIN
Input Capacitance
VCC = 3.3V, VI = 0V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8
pF


Número de pieza similar - MC74LCX16240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX16240 ONSEMI-MC74LCX16240 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
MC74LCX16240 ONSEMI-MC74LCX16240 Datasheet
200Kb / 8P
   Low-Voltage CMOS 16-Bit Buffer
October, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX16240A MOTOROLA-MC74LCX16240A Datasheet
117Kb / 6P
   Low-Voltage CMOS 16-Bit Buffer With 5V-Tolerant Inputs and Outputs
MC74LCX16240DT MOTOROLA-MC74LCX16240DT Datasheet
117Kb / 6P
   Low-Voltage CMOS 16-Bit Buffer With 5V-Tolerant Inputs and Outputs
logo
ON Semiconductor
MC74LCX16240DTR2 ONSEMI-MC74LCX16240DTR2 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
More results

Descripción similar - MC74LCX16240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74LCX16244 MOTOROLA-MC74LCX16244 Datasheet
115Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT BUFFER
logo
ON Semiconductor
MC74LCX16244 ONSEMI-MC74LCX16244_V01 Datasheet
198Kb / 8P
   Low-Voltage CMOS 16-Bit Buffer
October, 2012?뭃ev. 11
MC74LCX16244 ONSEMI-MC74LCX16244_12 Datasheet
134Kb / 7P
   Low-Voltage CMOS 16-Bit Buffer
July, 2012 ??Rev. 10
MC74LCX16240 ONSEMI-MC74LCX16240_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS 16-Bit Buffer
July, 2012 ??Rev. 8
MC74LCX16240 ONSEMI-MC74LCX16240_V01 Datasheet
200Kb / 8P
   Low-Voltage CMOS 16-Bit Buffer
October, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX16245 MOTOROLA-MC74LCX16245 Datasheet
118Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER
logo
ON Semiconductor
MC74LCX16245 ONSEMI-MC74LCX16245_12 Datasheet
129Kb / 7P
   Low-Voltage CMOS 16-Bit Transceiver
October, 2012 ??Rev. 9
74LCX162244 ONSEMI-74LCX162244 Datasheet
325Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
74LVT162244 ONSEMI-74LVT162244 Datasheet
202Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
74VCX162244 ONSEMI-74VCX162244 Datasheet
231Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com