Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-45560-001 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

No. de pieza SD-45560-001
Descripción Electrónicos  0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

SD-45560-001 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  SD-45560-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-1982
B
DATE:
2009/02/09
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
5 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45560-001
M. Simmel/D. Morgan
M. Ibarra
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
5
1.0 SCOPE
This specification addresses the manufacturing techniques and end-usage considerations for Molex’s 0.8mm pitch HandyLink™ I/O
Connectors. The common contact interface used in this family of connectors consists of a flat pad mated to a radiussed edge on a
compression spring blade. The flat pad is enclosed by plastic in an over-molded receptacle housing which provides a sealed
ineterface to facilitate ingress protection. The compression spring blades are extremely durable and are capable of sustaining over
20,000 mating cycles. Two “passive” latches counteract the compression springs to keep the connector pairs mated but enable
simple disconnection by the end-user.
The customer is encouraged to contact Molex with any questions regarding the application of this product.
2.0 PRODUCT DESCRIPTION
2.1 Product Names and Part Numbers
SMT Receptacle Connectors
Series: 44828
SMT Cradle Connectors
Series 45560 (Perpendicular and Parallel Mating)
Plug Connector Modules
Series 45339 (Wire Termination)
Series 45593 (PCB Termination)
2.2 Dimensions, Materials, Platings, and Markings
(See applicable sales drawings for information)
3.0 APPLICABLE DOCUMENTS AND SPECIFICATIONS
Product Specification: PS-44828-001;
Sales Drawing s: SD-44828-162, SD-45560-160, SD-45560-161, SD-45339-160, SD-45593-160


Número de pieza similar - SD-45560-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-45560-002 MOLEX-SD-45560-002 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
More results

Descripción similar - SD-45560-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
455600161 MOLEX-455600161 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
448281162 MOLEX-448281162 Datasheet
1Mb / 27P
   0.8MM HANDYLINK SMT RECEPTACLE 16 CIRCUIT
455931607 MOLEX-455931607 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
logo
SUYIN USA, INC.
300001MA003XX00XX SUYIN-USA-300001MA003XX00XX Datasheet
79Kb / 1P
   3.00mm PITCH BATTERY CONN-CRADLE
300004MB004XX00XX SUYIN-USA-300004MB004XX00XX Datasheet
79Kb / 1P
   3.00mm pitch battery conn-cradle
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Molex Electronics Ltd.
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
logo
FCI connector
61082 FCI-CONNECTOR-61082 Datasheet
473Kb / 6P
   BERCSTAK 0.8MM RECEPTACLE ASSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com