Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1100-100 Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

No. de pieza TS1100-100
Descripción Electrónicos  A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOUCHSTONE [Touchstone Semiconductor Inc]
Página de inicio  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1100-100 Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TS1100-100 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS1100
Page 1
© 2011 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
♦ Improved Electrical Performance over the
MAX9938 and the MAX9634
♦ Ultra-Low Supply Current: 1μA
♦ Wide Input Common Mode Range: +2V to +25V
♦ Low Input Offset Voltage: 100μV (max)
♦ Low Gain Error: <0.5%(max)
♦ Voltage Output
♦ Four Gain Options Available:
TS1100-25: Gain = 25V/V
TS1100-50: Gain = 50V/V
TS1100-100: Gain = 100V/V
TS1100-200: Gain = 200V/V
♦ 5-Pin SOT23 Packaging
APPLICATIONS
Notebook Computers
Current-Shunt Measurement
Power Management Systems
Battery Monitoring
Motor Control
Load Protection
Smart Battery Packs/Chargers
DESCRIPTION
The voltage-output TS1100 current-sense amplifiers
are form-factor identical and electrical improvements
to the MAX9938 and the MAX9634 current-sense
amplifiers. Consuming a very low 1μA supply current,
the TS1100 high-side current-sense amplifiers exhibit
a 100-µV (max) VOS and a 0.5% (max) gain error,
both specifications optimized for any precision current
measurement.
For
all
high-side
current-sensing
applications, the TS1100 features a wide input
common-mode voltage range from 2V to 25V.
The SOT23 package makes the TS1100 an ideal
choice for pcb-area-critical, low-current, high-
accuracy current-sense applications in all battery-
powered, remote or hand-held portable instruments.
All TS1100s are specified for operation over the
-40°C to +105°C extended temperature range.
A 1µA, +2V to +25V SOT23 Precision Current-Sense Amplifier
TYPICAL APPLICATION CIRCUIT
PART
GAIN OPTION
TS1100-25
25 V/V
TS1100-50
50 V/V
TS1100-100
100 V/V
TS1100-200
200 V/V
The Touchstone Semiconductor logo is a registered
trademark of Touchstone Semiconductor, Incorporated.
INPUT OFFSET VOLTAGE - µV
0
10
25
35
10
30
0
40
15
20
Input Offset Voltage Histogram
5
20
30
50


Número de pieza similar - TS1100-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS1100-100-EG6 SILABS-TS1100-100-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-100-EG6T SILABS-TS1100-100-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-100EG5 SILABS-TS1100-100EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Descripción similar - TS1100-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com