Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3611GP Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza 1N3611GP
Descripción Electrónicos  Glass Passivated Junction Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3611GP Datasheet(HTML) 1 Page - Vishay Siliconix

  1N3611GP Datasheet HTML 1Page - Vishay Siliconix 1N3611GP Datasheet HTML 2Page - Vishay Siliconix 1N3611GP Datasheet HTML 3Page - Vishay Siliconix 1N3611GP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88502
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 15-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Glass Passivated Junction Rectifier
1N3611GP thru 1N3615GP, 1N3957GP
Vishay General Semiconductor
FEATURES
• Superectifier
structure
for
high
reliability
application
• Cavity-free glass-passivated junction
• Low forward voltage drop
• Low leakage current, IR less than 0.1 μA
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters and freewheeling diodes application
MECHANICAL DATA
Case: DO-204AL, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Note
(1) JEDEC registered values
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
200 V to 1000 V
IFSM
30 A
IR
1.0 μA
VF
1.0 V
TJ max.
175 °C
DO-204AL (DO-41)
SUPERECTIFIER
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) (1)
PARAMETER
SYMBOL
1N3611GP
1N3612GP
1N3613GP
1N3614GP
1N3957GP
UNIT
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
A
Maximum average forward rectified current
0.375" (9.5 mm) lead length at TA = 75 °C
IF(AV)
1.0
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
30
A
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C


Número de pieza similar - 1N3611GP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
1N3611GP GE-1N3611GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Taychipst Elec...
1N3611GP TAYCHIPST-1N3611GP Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifier
logo
Vishay Siliconix
1N3611GP VISHAY-1N3611GP Datasheet
101Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N3611GP VISHAY-1N3611GP_V01 Datasheet
101Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results

Descripción similar - 1N3611GP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com