Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6384 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

No. de pieza 2N6384
Descripción Electrónicos  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6384 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6384 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6384 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6384 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2N6383 2N6384 2N6385
DESCRIPTION
・With TO-3 package
・Complement to type 2N6648/6649/6650
・DARLINGTON
・High DC current gain
APPLICATIONS
・Designed for low and medium frequency
power application such as power switching
audio amplifer ,hammer drivers and shunt
and series regulators
PINNING
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta=℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2N6383
40
2N6384
60
VCBO
Collector-base voltage
2N6385
Open emitter
80
V
2N6383
40
2N6384
60
VCEO
Collector-emitter voltage
2N6385
Open base
80
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
10
A
ICM
Collector current-peak
15
A
IB
Base current
0.25
A
PD
Total Power Dissipation
TC=25℃
100
W
Tj
Junction temperature
200
Tstg
Storage temperature
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
1.75
℃/W
Fig.1 simplified outline (TO-3) and symbol


Número de pieza similar - 2N6384

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2N6384 MOSPEC-2N6384 Datasheet
146Kb / 3P
   POWER TRANSISTORS(10A,100W)
logo
Microsemi Corporation
2N6384 MICROSEMI-2N6384 Datasheet
55Kb / 2P
   NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N6384 CENTRAL-2N6384 Datasheet
51Kb / 1P
   POWER TRANSISTORS TO-3 CASE
logo
List of Unclassifed Man...
2N6384 ETC-2N6384 Datasheet
347Kb / 8P
   Power Transistors
logo
Savantic, Inc.
2N6384 SAVANTIC-2N6384 Datasheet
114Kb / 3P
   Silicon NPN Power Transistors
More results

Descripción similar - 2N6384

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com